Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ256GP710-IPF Datasheet(PDF) 66 Page - Microchip Technology

Part # DSPIC33FJ256GP710-IPF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256GP710-IPF Datasheet(HTML) 66 Page - Microchip Technology

Back Button DSPIC33FJ256GP710-IPF Datasheet HTML 62Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 63Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 64Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 65Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 66Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 67Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 68Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 69Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 64
© 2009 Microchip Technology Inc.
4.4.3
MODULO ADDRESSING
APPLICABILITY
Modulo Addressing can be applied to the Effective
Address (EA) calculation associated with any W
register. It is important to realize that the address
boundaries check for addresses less than, or greater
than, the upper (for incrementing buffers) and lower (for
decrementing buffers) boundary addresses (not just
equal to). Address changes may, therefore, jump
beyond boundaries and still be adjusted correctly.
4.5
Bit-Reversed Addressing
Bit-Reversed Addressing mode is intended to simplify
data re-ordering for radix-2 FFT algorithms. It is
supported by the X AGU for data writes only.
The modifier, which may be a constant value or register
contents, is regarded as having its bit order reversed. The
address source and destination are kept in normal order.
Thus, the only operand requiring reversal is the modifier.
4.5.1
BIT-REVERSED ADDRESSING
IMPLEMENTATION
Bit-Reversed Addressing mode is enabled when:
1.
BWM bits (W register selection) in the
MODCON register are any value other than ‘15’
(the
stack
cannot
be
accessed
using
Bit-Reversed Addressing).
2.
The BREN bit is set in the XBREV register.
3.
The addressing mode used is Register Indirect
with Pre-Increment or Post-Increment.
If the length of a bit-reversed buffer is M = 2N bytes,
the last ‘N’ bits of the data buffer start address must
be zeros.
XB<14:0> is the Bit-Reversed Address modifier, or
‘pivot point’, which is typically a constant. In the case of
an FFT computation, its value is equal to half of the FFT
data buffer size.
When enabled, Bit-Reversed Addressing is only
executed for Register Indirect with Pre-Increment or
Post-Increment Addressing and word sized data writes.
It will not function for any other addressing mode or for
byte sized data and normal addresses are generated
instead. When Bit-Reversed Addressing is active, the
W Address Pointer is always added to the address
modifier (XB) and the offset associated with the Regis-
ter Indirect Addressing mode is ignored. In addition, as
word sized data is a requirement, the LSb of the EA is
ignored (and always clear).
If Bit-Reversed Addressing has already been enabled
by setting the BREN (XBREV<15>) bit, then a write to
the XBREV register should not be immediately followed
by an indirect read operation using the W register that
has been designated as the bit-reversed pointer.
Note:
The modulo corrected effective address is
written back to the register only when
Pre-Modify or Post-Modify Addressing
mode is used to compute the effective
address. When an address offset (e.g.,
[W7+W2]) is used, Modulo Address
correction is performed but the contents of
the register remain unchanged.
Note:
All bit-reversed EA calculations assume
word sized data (LSb of every EA is
always clear). The XB value is scaled
accordingly to generate compatible (byte)
addresses.
Note:
Modulo Addressing and Bit-Reversed
Addressing
should
not
be
enabled
together. In the event that the user attempts
to do so, Bit-Reversed Addressing will
assume priority when active for the X
WAGU and X WAGU Modulo Addressing
will
be
disabled.
However,
Modulo
Addressing will continue to function in the X
RAGU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com