Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ256GP710-IPF Datasheet(PDF) 29 Page - Microchip Technology

Part # DSPIC33FJ256GP710-IPF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256GP710-IPF Datasheet(HTML) 29 Page - Microchip Technology

Back Button DSPIC33FJ256GP710-IPF Datasheet HTML 25Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 26Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 27Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 28Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 29Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 30Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 31Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 32Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 27
dsPIC33FJXXXGPX06/X08/X10
3.5
Arithmetic Logic Unit (ALU)
The dsPIC33FJXXXGPX06/X08/X10 ALU is 16 bits
wide and is capable of addition, subtraction, bit shifts
and logic operations. Unless otherwise mentioned,
arithmetic operations are 2’s complement in nature.
Depending on the operation, the ALU may affect the
values of the Carry (C), Zero (Z), Negative (N),
Overflow (OV) and Digit Carry (DC) Status bits in the
SR register. The C and DC Status bits operate as Bor-
row and Digit Borrow bits, respectively, for subtraction
operations.
The ALU can perform 8-bit or 16-bit operations,
depending on the mode of the instruction that is used.
Data for the ALU operation can come from the W
register array, or data memory, depending on the
addressing mode of the instruction. Likewise, output
data from the ALU can be written to the W register array
or a data memory location.
Refer to the “dsPIC30F/33F Programmer’s Reference
Manual” (DS70157) for information on the SR bits
affected by each instruction.
The
dsPIC33FJXXXGPX06/X08/X10
CPU
incorporates hardware support for both multiplication
and division. This includes a dedicated hardware
multiplier and support hardware for 16-bit-divisor
division.
3.5.1
MULTIPLIER
Using the high-speed 17-bit x 17-bit multiplier of the DSP
engine, the ALU supports unsigned, signed or mixed-sign
operation in several MCU multiplication modes:
1.
16-bit x 16-bit signed
2.
16-bit x 16-bit unsigned
3.
16-bit signed x 5-bit (literal) unsigned
4.
16-bit unsigned x 16-bit unsigned
5.
16-bit unsigned x 5-bit (literal) unsigned
6.
16-bit unsigned x 16-bit signed
7.
8-bit unsigned x 8-bit unsigned
3.5.2
DIVIDER
The divide block supports 32-bit/16-bit and 16-bit/16-bit
signed and unsigned integer divide operations with the
following data sizes:
1.
32-bit signed/16-bit signed divide
2.
32-bit unsigned/16-bit unsigned divide
3.
16-bit signed/16-bit signed divide
4.
16-bit unsigned/16-bit unsigned divide
The quotient for all divide instructions ends up in W0
and the remainder in W1. 16-bit signed and unsigned
DIV
instructions can specify any W register for both the
16-bit divisor (Wn) and any W register (aligned) pair
(W(m + 1):Wm) for the 32-bit dividend. The divide
algorithm takes one cycle per bit of divisor, so both
32-bit/16-bit and 16-bit/16-bit instructions take the
same number of cycles to execute.
3.6
DSP Engine
The
DSP
engine
consists
of
a
high-speed,
17-bit x 17-bit multiplier, a barrel shifter and a 40-bit
adder/subtracter (with two target accumulators, round
and saturation logic).
The dsPIC33FJXXXGPX06/X08/X10 is a single-cycle,
instruction flow architecture; therefore, concurrent
operation of the DSP engine with MCU instruction flow is
not possible. However, some MCU ALU and DSP engine
resources may be used concurrently by the same
instruction (e.g., ED, EDAC).
The DSP engine also has the capability to perform
inherent accumulator-to-accumulator operations which
require no additional data. These instructions are ADD,
SUB
and NEG.
The DSP engine has various options selected through
various bits in the CPU Core Control register
(CORCON), as listed below:
1.
Fractional or integer DSP multiply (IF).
2.
Signed or unsigned DSP multiply (US).
3.
Conventional or convergent rounding (RND).
4.
Automatic saturation on/off for AccA (SATA).
5.
Automatic saturation on/off for AccB (SATB).
6.
Automatic saturation on/off for writes to data
memory (SATDW).
7.
Accumulator Saturation mode selection (ACCSAT).
Table 3-1 provides a summary of DSP instructions. A
block diagram of the DSP engine is shown in
Figure 3-3.
TABLE 3-1:
DSP INSTRUCTIONS
SUMMARY
Instruction
Algebraic
Operation
ACC Write
Back
CLR
A = 0
Yes
ED
A = (x – y)2
No
EDAC
A = A + (x – y)2
No
MAC
A = A + (x * y)
Yes
MAC
A = A + x2
No
MOVSAC
No change in A
Yes
MPY
A = x * y
No
MPY
A = x 2
No
MPY.N
A = – x * y
No
MSC
A = A – x * y
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com