Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ256GP710-IPF Datasheet(PDF) 65 Page - Microchip Technology

Part # DSPIC33FJ256GP710-IPF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256GP710-IPF Datasheet(HTML) 65 Page - Microchip Technology

Back Button DSPIC33FJ256GP710-IPF Datasheet HTML 61Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 62Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 63Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 64Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 65Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 66Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 67Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 68Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 63
dsPIC33FJXXXGPX06/X08/X10
can operate on any W register pointer. However, it is not
advisable to use W14 or W15 for Modulo Addressing
since these two registers are used as the Stack Frame
Pointer and Stack Pointer, respectively.
In general, any particular circular buffer can only be
configured to operate in one direction as there are
certain restrictions on the buffer start address (for incre-
menting buffers), or end address (for decrementing
buffers), based upon the direction of the buffer.
The only exception to the usage restrictions is for
buffers which have a power-of-2 length. As these
buffers satisfy the start and end address criteria, they
may operate in a bidirectional mode (i.e., address
boundary checks will be performed on both the lower
and upper address boundaries).
4.4.1
START AND END ADDRESS
The Modulo Addressing scheme requires that a starting
and ending address be specified and loaded into the
16-bit Modulo Buffer Address registers: XMODSRT,
XMODEND,
YMODSRT
and
YMODEND
(see
Table 4-1).
The length of a circular buffer is not directly specified. It
is determined by the difference between the
corresponding start and end addresses. The maximum
possible length of the circular buffer is 32K words
(64 Kbytes).
4.4.2
W ADDRESS REGISTER
SELECTION
The Modulo and Bit-Reversed Addressing Control
register, MODCON<15:0>, contains enable flags as well
as a W register field to specify the W Address registers.
The XWM and YWM fields select which registers will
operate with Modulo Addressing. If XWM = 15, X RAGU
and X WAGU Modulo Addressing is disabled. Similarly, if
YWM = 15, Y AGU Modulo Addressing is disabled.
The X Address Space Pointer W register (XWM), to
which Modulo Addressing is to be applied, is stored in
MODCON<3:0> (see Table 4-1). Modulo Addressing is
enabled for X data space when XWM is set to any value
other than ‘15’ and the XMODEN bit is set at
MODCON<15>.
The Y Address Space Pointer W register (YWM) to
which Modulo Addressing is to be applied is stored in
MODCON<7:4>. Modulo Addressing is enabled for Y
data space when YWM is set to any value other than
‘15’ and the YMODEN bit is set at MODCON<14>.
FIGURE 4-7:
MODULO ADDRESSING OPERATION EXAMPLE
Note:
Y
space
Modulo
Addressing
EA
calculations assume word sized data (LSb
of every EA is always clear).
0x1100
0x1163
Start Addr = 0x1100
End Addr = 0x1163
Length = 0x0032 words
Byte
Address
MOV
#0x1100, W0
MOV
W0, XMODSRT
;set modulo start address
MOV
#0x1163, W0
MOV
W0, MODEND
;set modulo end address
MOV
#0x8001, W0
MOV
W0, MODCON
;enable W1, X AGU for modulo
MOV
#0x0000, W0
;W0 holds buffer fill value
MOV
#0x1110, W1
;point W1 to buffer
DO
AGAIN, #0x31
;fill the 50 buffer locations
MOV
W0, [W1++]
;fill the next location
AGAIN:
INC
W0, W0
;increment the fill value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com