Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ256GP710-IPF Datasheet(PDF) 37 Page - Microchip Technology

Part # DSPIC33FJ256GP710-IPF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256GP710-IPF Datasheet(HTML) 37 Page - Microchip Technology

Back Button DSPIC33FJ256GP710-IPF Datasheet HTML 33Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 34Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 35Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 36Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 37Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 38Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 39Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 40Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 35
dsPIC33FJXXXGPX06/X08/X10
4.2
Data Address Space
The dsPIC33FJXXXGPX06/X08/X10 CPU has a
separate 16-bit wide data memory space. The data
space is accessed using separate Address Generation
Units (AGUs) for read and write operations. Data
memory maps of devices with different RAM sizes are
shown in Figure 4-3 through Figure 4-5.
All Effective Addresses (EAs) in the data memory space
are 16 bits wide and point to bytes within the data space.
This arrangement gives a data space address range of
64 Kbytes or 32K words. The lower half of the data
memory space (that is, when EA<15> = 0) is used for
implemented memory addresses, while the upper half
(EA<15> = 1) is reserved for the Program Space
Visibility area (see Section 4.6.3 “Reading Data from
Program Memory Using Program Space Visibility”).
dsPIC33FJXXXGPX06/X08/X10 devices implement a
total of up to 30 Kbytes of data memory. Should an EA
point to a location outside of this area, an all-zero word
or byte will be returned.
4.2.1
DATA SPACE WIDTH
The data memory space is organized in byte
addressable, 16-bit wide blocks. Data is aligned in data
memory and registers as 16-bit words, but all data
space EAs resolve to bytes. The Least Significant
Bytes (LSBs) of each word have even addresses, while
the Most Significant Bytes (MSBs) have odd
addresses.
4.2.2
DATA MEMORY ORGANIZATION
AND ALIGNMENT
To maintain backward compatibility with PIC® MCU
devices and improve data space memory usage
efficiency,
the
dsPIC33FJXXXGPX06/X08/X10
instruction set supports both word and byte operations.
As a consequence of byte accessibility, all effective
address calculations are internally scaled to step
through word-aligned memory. For example, the core
recognizes that Post-Modified Register Indirect
Addressing mode [Ws++] will result in a value of Ws + 1
for byte operations and Ws + 2 for word operations.
Data byte reads will read the complete word that
contains the byte, using the LSb of any EA to determine
which byte to select. The selected byte is placed onto
the LSb of the data path. That is, data memory and
registers are organized as two parallel byte-wide
entities with shared (word) address decode but
separate write lines. Data byte writes only write to the
corresponding side of the array or register which
matches the byte address.
All word accesses must be aligned to an even address.
Misaligned word data fetches are not supported, so
care must be taken when mixing byte and word
operations, or translating from 8-bit MCU code. If a
misaligned read or write is attempted, an address error
trap is generated. If the error occurred on a read, the
instruction underway is completed; if it occurred on a
write, the instruction will be executed but the write does
not occur. In either case, a trap is then executed,
allowing the system and/or user to examine the
machine state prior to execution of the address Fault.
All byte loads into any W register are loaded into the
Least Significant Byte. The Most Significant Byte is not
modified.
A sign-extend instruction (SE) is provided to allow
users to translate 8-bit signed data to 16-bit signed
values. Alternatively, for 16-bit unsigned data, users
can clear the MSb of any W register by executing a
zero-extend (ZE) instruction on the appropriate
address.
4.2.3
SFR SPACE
The first 2 Kbytes of the Near Data Space, from 0x0000
to 0x07FF, is primarily occupied by Special Function
Registers
(SFRs).
These
are
used
by
the
dsPIC33FJXXXGPX06/X08/X10 core and peripheral
modules for controlling the operation of the device.
SFRs are distributed among the modules that they
control, and are generally grouped together by module.
Much of the SFR space contains unused addresses;
these are read as ‘0’. A complete listing of implemented
SFRs, including their addresses, is shown in Table 4-1
through Table 4-34.
4.2.4
NEAR DATA SPACE
The 8-Kbyte area between 0x0000 and 0x1FFF is
referred to as the Near Data Space. Locations in this
space are directly addressable via a 13-bit absolute
address field within all memory direct instructions.
Additionally, the whole data space is addressable using
MOV
instructions, which support Memory Direct
Addressing mode with a 16-bit address field, or by
using Indirect Addressing mode using a working
register as an Address Pointer.
Note:
The actual set of peripheral features and
interrupts varies by the device. Please
refer to the corresponding device tables
and pinout diagrams for device-specific
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com