Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ256GP710-IPF Datasheet(PDF) 201 Page - Microchip Technology

Part # DSPIC33FJ256GP710-IPF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256GP710-IPF Datasheet(HTML) 201 Page - Microchip Technology

Back Button DSPIC33FJ256GP710-IPF Datasheet HTML 197Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 198Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 199Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 200Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 201Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 202Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 203Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 204Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 205Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 199
dsPIC33FJXXXGPX06/X08/X10
REGISTER 19-6:
CiINTF: ECAN™ INTERRUPT FLAG REGISTER
U-0
U-0
R-0
R-0
R-0
R-0
R-0
R-0
—
—
TXBO
TXBP
RXBP
TXWAR
RXWAR
EWARN
bit 15
bit 8
R/C-0
R/C-0
R/C-0
U-0
R/C-0
R/C-0
R/C-0
R/C-0
IVRIF
WAKIF
ERRIF
—
FIFOIF
RBOVIF
RBIF
TBIF
bit 7
bit 0
Legend:
C = Clear only bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented: Read as ‘0’
bit 13
TXBO: Transmitter in Error State Bus Off bit
bit 12
TXBP: Transmitter in Error State Bus Passive bit
bit 11
RXBP: Receiver in Error State Bus Passive bit
bit 10
TXWAR: Transmitter in Error State Warning bit
bit 9
RXWAR: Receiver in Error State Warning bit
bit 8
EWARN: Transmitter or Receiver in Error State Warning bit
bit 7
IVRIF: Invalid Message Received Interrupt Flag bit
bit 6
WAKIF: Bus Wake-up Activity Interrupt Flag bit
bit 5
ERRIF: Error Interrupt Flag bit (multiple sources in CiINTF<13:8> register)
bit 4
Unimplemented: Read as ‘0’
bit 3
FIFOIF: FIFO Almost Full Interrupt Flag bit
bit 2
RBOVIF: RX Buffer Overflow Interrupt Flag bit
bit 1
RBIF: RX Buffer Interrupt Flag bit
bit 0
TBIF: TX Buffer Interrupt Flag bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com