Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ256GP710-IPF Datasheet(PDF) 127 Page - Microchip Technology

Part # DSPIC33FJ256GP710-IPF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256GP710-IPF Datasheet(HTML) 127 Page - Microchip Technology

Back Button DSPIC33FJ256GP710-IPF Datasheet HTML 123Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 124Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 125Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 126Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 127Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 128Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 129Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 130Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 125
dsPIC33FJXXXGPX06/X08/X10
7.4
Interrupt Setup Procedures
7.4.1
INITIALIZATION
To configure an interrupt source:
1.
Set the NSTDIS bit (INTCON1<15>) if nested
interrupts are not desired.
2.
Select the user-assigned priority level for the
interrupt source by writing the control bits in the
appropriate IPCx register. The priority level will
depend on the specific application and type of
interrupt source. If multiple priority levels are not
desired, the IPCx register control bits for all
enabled interrupt sources may be programmed
to the same non-zero value.
3.
Clear the interrupt flag status bit associated with
the peripheral in the associated IFSx register.
4.
Enable the interrupt source by setting the
interrupt enable control bit associated with the
source in the appropriate IECx register.
7.4.2
INTERRUPT SERVICE ROUTINE
The method that is used to declare an ISR and initialize
the IVT with the correct vector address will depend on
the programming language (i.e., C or assembler) and
the language development toolsuite that is used to
develop the application. In general, the user must clear
the interrupt flag in the appropriate IFSx register for the
source of interrupt that the ISR handles. Otherwise, the
ISR will be re-entered immediately after exiting the
routine. If the ISR is coded in assembly language, it
must be terminated using a RETFIE instruction to
unstack the saved PC value, SRL value and old CPU
priority level.
7.4.3
TRAP SERVICE ROUTINE
A Trap Service Routine (TSR) is coded like an ISR,
except that the appropriate trap status flag in the
INTCON1 register must be cleared to avoid re-entry
into the TSR.
7.4.4
INTERRUPT DISABLE
All user interrupts can be disabled using the following
procedure:
1.
Push the current SR value onto the software
stack using the PUSH instruction.
2.
Force the CPU to priority level 7 by inclusive
ORing the value OEh with SRL.
To enable user interrupts, the POP instruction may be
used to restore the previous SR value.
Note that only user interrupts with a priority level of 7 or
less can be disabled. Trap sources (level 8-level 15)
cannot be disabled.
The DISI instruction provides a convenient way to
disable interrupts of priority levels 1-6 for a fixed period
of time. Level 7 interrupt sources are not disabled by
the DISI instruction.
Note:
At a device Reset, the IPCx registers are
initialized, such that all user interrupt
sources are assigned to priority level 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com