Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ256GP710-IPF Datasheet(PDF) 150 Page - Microchip Technology

Part # DSPIC33FJ256GP710-IPF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256GP710-IPF Datasheet(HTML) 150 Page - Microchip Technology

Back Button DSPIC33FJ256GP710-IPF Datasheet HTML 146Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 147Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 148Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 149Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 150Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 151Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 152Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 153Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 148
© 2009 Microchip Technology Inc.
10.2.2
IDLE MODE
Idle mode has these features:
• The CPU stops executing instructions.
• The WDT is automatically cleared.
• The system clock source remains active. By
default, all peripheral modules continue to operate
normally from the system clock source, but can
also be selectively disabled (see Section 10.4
“Peripheral Module Disable”).
• If the WDT or FSCM is enabled, the LPRC also
remains active.
The device will wake from Idle mode on any of these
events:
• Any interrupt that is individually enabled.
• Any device Reset.
• A WDT time-out.
On wake-up from Idle, the clock is reapplied to the CPU
and instruction execution begins immediately, starting
with the instruction following the PWRSAV instruction, or
the first instruction in the ISR.
10.2.3
INTERRUPTS COINCIDENT WITH
POWER SAVE INSTRUCTIONS
Any interrupt that coincides with the execution of a
PWRSAV
instruction is held off until entry into Sleep or
Idle mode has completed. The device then wakes up
from Sleep or Idle mode.
10.3
Doze Mode
Generally, changing clock speed and invoking one of the
power-saving modes are the preferred strategies for
reducing
power
consumption.
There
may
be
circumstances, however, where this is not practical. For
example, it may be necessary for an application to
maintain uninterrupted synchronous communication,
even while it is doing nothing else. Reducing system
clock speed may introduce communication errors, while
using a power-saving mode may stop communications
completely.
Doze mode is a simple and effective alternative method
to reduce power consumption while the device is still
executing code. In this mode, the system clock
continues to operate from the same source and at the
same speed. Peripheral modules continue to be
clocked at the same speed, while the CPU clock speed
is reduced. Synchronization between the two clock
domains is maintained, allowing the peripherals to
access the SFRs while the CPU executes code at a
slower rate.
Doze mode is enabled by setting the DOZEN bit (CLK-
DIV<11>). The ratio between peripheral and core clock
speed is determined by the DOZE<2:0> bits (CLK-
DIV<14:12>). There are eight possible configurations,
from 1:1 to 1:128, with 1:1 being the default setting.
It is also possible to use Doze mode to selectively
reduce
power
consumption
in
event-driven
applications. This allows clock-sensitive functions,
such as synchronous communications, to continue
without interruption while the CPU idles, waiting for
something to invoke an interrupt routine. Enabling the
automatic return to full-speed CPU operation on
interrupts is enabled by setting the ROI bit (CLK-
DIV<15>). By default, interrupt events have no effect
on Doze mode operation.
For example, suppose the device is operating at
20 MIPS and the CAN module has been configured for
500 kbps based on this device operating speed. If the
device is now placed in Doze mode with a clock
frequency ratio of 1:4, the CAN module continues to
communicate at the required bit rate of 500 kbps, but
the CPU now starts executing instructions at a
frequency of 5 MIPS.
10.4
Peripheral Module Disable
The Peripheral Module Disable (PMD) registers
provide a method to disable a peripheral module by
stopping all clock sources supplied to that module.
When a peripheral is disabled via the appropriate PMD
control bit, the peripheral is in a minimum power
consumption state. The control and status registers
associated with the peripheral are also disabled, so
writes to those registers will have no effect and read
values will be invalid.
A peripheral module is only enabled if both the
associated bit in the PMD register is cleared and the
peripheral is supported by the specific dsPIC® DSC
variant. If the peripheral is present in the device, it is
enabled in the PMD register by default.
Note:
If a PMD bit is set, the corresponding
module is disabled after a delay of 1
instruction cycle. Similarly, if a PMD bit is
cleared, the corresponding module is
enabled after a delay of 1 instruction cycle
(assuming the module control registers
are already configured to enable module
operation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com