Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ256GP710-IPF Datasheet(PDF) 167 Page - Microchip Technology

Part # DSPIC33FJ256GP710-IPF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256GP710-IPF Datasheet(HTML) 167 Page - Microchip Technology

Back Button DSPIC33FJ256GP710-IPF Datasheet HTML 163Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 164Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 165Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 166Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 167Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 168Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 169Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 170Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 165
dsPIC33FJXXXGPX06/X08/X10
14.0 INPUT CAPTURE
The input capture module is useful in applications
requiring frequency (period) and pulse measurement.
The dsPIC33FJXXXGPX06/X08/X10 devices support
up to eight input capture channels.
The input capture module captures the 16-bit value of
the selected Time Base register when an event occurs
at the ICx pin. The events that cause a capture event
are listed below in three categories:
1.
Simple Capture Event modes
-Capture timer value on every falling edge of
input at ICx pin
-Capture timer value on every rising edge of
input at ICx pin
2.
Capture timer value on every edge (rising and
falling)
3.
Prescaler Capture Event modes
-Capture timer value on every 4th rising edge
of input at ICx pin
-Capture timer value on every 16th rising
edge of input at ICx pin
Each input capture channel can select between one of
two 16-bit timers (Timer2 or Timer3) for the time base.
The selected timer can use either an internal or
external clock.
Other operational features include:
• Device wake-up from capture pin during CPU
Sleep and Idle modes
• Interrupt on input capture event
• 4-word FIFO buffer for capture values
- Interrupt optionally generated after 1, 2, 3 or
4 buffer locations are filled
• Input capture can also be used to provide
additional sources of external interrupts
FIGURE 14-1:
INPUT CAPTURE BLOCK DIAGRAM
Note:
This data sheet summarizes the features
of the dsPIC33FJXXXGPX06/X08/X10
family of devices. However, it is not
intended to be a comprehensive reference
source. To complement the information in
this data sheet, refer to Section 12.
“Input Capture” (DS70198) in the
“dsPIC33F Family Reference Manual”,
which is available from the Microchip web
site (www.microchip.com).
Note:
Only IC1 and IC2 can trigger a DMA data
transfer. If DMA data transfers are
required, the FIFO buffer size must be set
to 1 (ICI<1:0> = 00).
ICxBUF
ICx Pin
ICM<2:0> (ICxCON<2:0>)
Mode Select
3
10
Set Flag ICxIF
(in IFSn Register)
TMRy TMRz
Edge Detection Logic
16
16
FIFO
R/W
Logic
ICxI<1:0>
ICOV, ICBNE (ICxCON<4:3>)
ICxCON
Interrupt
Logic
System Bus
From 16-bit Timers
ICTMR
(ICxCON<7>)
Prescaler
Counter
(1, 4, 16)
and
Clock Synchronizer
Note: An ‘x’ in a signal, register or bit name denotes the number of the capture channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com