Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ256GP710-IPF Datasheet(PDF) 174 Page - Microchip Technology

Part # DSPIC33FJ256GP710-IPF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256GP710-IPF Datasheet(HTML) 174 Page - Microchip Technology

Back Button DSPIC33FJ256GP710-IPF Datasheet HTML 170Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 171Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 172Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 173Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 174Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 175Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 176Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 177Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 178Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 322 page
background image
dsPIC33FJXXXGPX06/X08/X10
DS70286C-page 172
© 2009 Microchip Technology Inc.
REGISTER 16-1:
SPIxSTAT: SPIx STATUS AND CONTROL REGISTER
R/W-0
U-0
R/W-0
U-0
U-0
U-0
U-0
U-0
SPIEN
—
SPISIDL
—
—
—
—
—
bit 15
bit 8
U-0
R/C-0
U-0
U-0
U-0
U-0
R-0
R-0
—
SPIROV
—
—
—
—
SPITBF
SPIRBF
bit 7
bit 0
Legend:
C = Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
SPIEN: SPIx Enable bit
1
= Enables module and configures SCKx, SDOx, SDIx and SSx as serial port pins
0
= Disables module
bit 14
Unimplemented: Read as ‘0’
bit 13
SPISIDL: Stop in Idle Mode bit
1
= Discontinue module operation when device enters Idle mode
0
= Continue module operation in Idle mode
bit 12-7
Unimplemented: Read as ‘0’
bit 6
SPIROV: Receive Overflow Flag bit
1
= A new byte/word is completely received and discarded. The user software has not read the
previous data in the SPIxBUF register
0
= No overflow has occurred
bit 5-2
Unimplemented: Read as ‘0’
bit 1
SPITBF: SPIx Transmit Buffer Full Status bit
1
= Transmit not yet started, SPIxTXB is full
0
= Transmit started, SPIxTXB is empty
Automatically set in hardware when CPU writes SPIxBUF location, loading SPIxTXB.
Automatically cleared in hardware when SPIx module transfers data from SPIxTXB to SPIxSR.
bit 0
SPIRBF: SPIx Receive Buffer Full Status bit
1
= Receive complete, SPIxRXB is full
0
= Receive is not complete, SPIxRXB is empty
Automatically set in hardware when SPIx transfers data from SPIxSR to SPIxRXB.
Automatically cleared in hardware when core reads SPIxBUF location, reading SPIxRXB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com