Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSPIC33FJ256GP710-IPF Datasheet(PDF) 183 Page - Microchip Technology

Part # DSPIC33FJ256GP710-IPF
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ256GP710-IPF Datasheet(HTML) 183 Page - Microchip Technology

Back Button DSPIC33FJ256GP710-IPF Datasheet HTML 179Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 180Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 181Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 182Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 183Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 184Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 185Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 186Page - Microchip Technology DSPIC33FJ256GP710-IPF Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 322 page
background image
© 2009 Microchip Technology Inc.
DS70286C-page 181
dsPIC33FJXXXGPX06/X08/X10
REGISTER 17-2:
I2CxSTAT: I2Cx STATUS REGISTER
R-0 HSC
R-0 HSC
U-0
U-0
U-0
R/C-0 HS
R-0 HSC
R-0 HSC
ACKSTAT
TRSTAT
—
—
—
BCL
GCSTAT
ADD10
bit 15
bit 8
R/C-0 HS
R/C-0 HS
R-0 HSC
R/C-0 HSC
R/C-0 HSC
R-0 HSC
R-0 HSC
R-0 HSC
IWCOL
I2COV
D_A
P
S
R_W
RBF
TBF
bit 7
bit 0
Legend:
U = Unimplemented bit, read as ‘0’
C = Clear only bit
R = Readable bit
W = Writable bit
HS = Set in hardware
HSC = Hardware set/cleared
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
ACKSTAT: Acknowledge Status bit
(when operating as I2C master, applicable to master transmit operation)
1
= NACK received from slave
0
= ACK received from slave
Hardware set or clear at end of slave Acknowledge.
bit 14
TRSTAT: Transmit Status bit (when operating as I2C master, applicable to master transmit operation)
1
= Master transmit is in progress (8 bits + ACK)
0
= Master transmit is not in progress
Hardware set at beginning of master transmission. Hardware clear at end of slave Acknowledge.
bit 13-11
Unimplemented: Read as ‘0’
bit 10
BCL: Master Bus Collision Detect bit
1
= A bus collision has been detected during a master operation
0
= No collision
Hardware set at detection of bus collision.
bit 9
GCSTAT: General Call Status bit
1
= General call address was received
0
= General call address was not received
Hardware set when address matches general call address. Hardware clear at Stop detection.
bit 8
ADD10: 10-Bit Address Status bit
1
= 10-bit address was matched
0
= 10-bit address was not matched
Hardware set at match of 2nd byte of matched 10-bit address. Hardware clear at Stop detection.
bit 7
IWCOL: Write Collision Detect bit
1
= An attempt to write the I2CxTRN register failed because the I2C module is busy
0
= No collision
Hardware set at occurrence of write to I2CxTRN while busy (cleared by software).
bit 6
I2COV: Receive Overflow Flag bit
1
= A byte was received while the I2CxRCV register is still holding the previous byte
0
= No overflow
Hardware set at attempt to transfer I2CxRSR to I2CxRCV (cleared by software).
bit 5
D_A: Data/Address bit (when operating as I2C slave)
1
= Indicates that the last byte received was data
0
= Indicates that the last byte received was device address
Hardware clear at device address match. Hardware set by reception of slave byte.
bit 4
P: Stop bit
1
= Indicates that a Stop bit has been detected last
0
= Stop bit was not detected last
Hardware set or clear when Start, Repeated Start or Stop detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com