Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1202Y2RHHT Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog -to-Digital Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 38 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 34Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 35Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 36Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 37Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 38Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 39Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 40Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 41Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
38
Table 6. Interrupt Summary
INTERRUPT
PRIORITY
INTERRUPT/EVENT
ADDR
NUM
PRIORITY
FLAG
ENABLE
PRIORITY
CONTROL
AVDD Low Voltage Detect
33h
6
High
0
ALVDIP (AIPOL.1)(1)
EALV (AIE.1)(1)
N/A
Count (SPI/I2C)
33h
6
0
CNTIP (AIPOL.2)(1)
ECNT (AIE.2)(1)
N/A
I2C Start/Stop
33h
6
0
I2CIP (AIPOL.3)(1)
EI2C (AIE.3)(1)
N/A
Milliseconds Timer
33h
6
0
MSECIP (AIPOL.4)(1)
EMSEC (AIE.4)(1)
N/A
ADC
33h
6
0
ADCIP (AIPOL.5)(1)
EADC (AIE.5)(1)
N/A
Summation Register
33h
6
0
SUMIP (AIPOL.6)(1)
ESUM (AIE.6)(1)
N/A
Seconds Timer
33h
6
0
SECIP (AIPOL.7)(1)
ESEC (AIE.7)(1)
N/A
External Interrupt 0
03h
0
1
IE0 (TCON.1)(2)
EX0 (IE.0)(4)
PX0 (IP.0)
Timer 0 Overflow
0Bh
1
2
TF0 (TCON.5)(3)
ET0 (IE.1)(4)
PT0 (IP.1)
External Interrupt 1
13h
2
3
IE1 (TCON.3)(2)
EX1 (IE.2)(4)
PX1 (IP.2)
Timer 1 Overflow
1Bh
3
4
TF1 (TCON.7)(3)
ET1 (IE.3)(4)
PT1 (IP.3)
Serial Port 0
23h
4
5
RI_0 (SCON0.0)
TI_0 (SCON0.1)
ES0 (IE.4)(4)
PS0 (IP.4)
External Interrupt 2
43h
8
6
IE2 (EXIF.4)
EX2 (EIE.0)(4)
PX2 (EIP.0)
External Interrupt 3
4Bh
9
7
IE3 (EXIF.5)
EX3 (EIE.1)(4)
PX3 (EIP.1)
External Interrupt 4
53h
10
8
IE4 (EXIF.6)
EX4 (EIE.2)(4)
PX4 (EIP.2)
External Interrupt 5
5Bh
11
9
IE5 (EXIF.7)
EX5 (EIE.3)(4)
PX5 (EIP.3)
Watchdog
63h
12
10
Low
WDTI (EICON.3)
EWDI (EIE.4)(4)
PWDI (EIP.4)
(1) These interrupts set the AI flag (EICON.4) and are enabled by EAI (EICON.5).
(2) If edge-triggered, cleared automatically by hardware when the service routine is vectored to. If level-triggered, the flag follows the state of the pin.
(3) Cleared automatically by hardware when interrupt vector occurs.
(4) Globally enabled by EA (IE.7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com