Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1202Y2RHHT Datasheet(PDF) 73 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog -to-Digital Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 73 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 69Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 70Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 71Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 72Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 73Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 74Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 75Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 76Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
73
Summation/Shifter Control (SSCON)
7
6
5
4
3
2
1
0
Reset Value
SFR E1h
SSCON1
SSCON0
SCNT2
SCNT1
SCNT0
SHF2
SHF1
SHF0
00h
The Summation register is powered down when the ADC is powered down. If all zeroes are written to this register, the 32-bit
SUMR3−0 registers will be cleared. The Summation registers will do sign-extend if Bipolar Mode is selected in ADCON1.
SSCON1−0 Summation/Shift Count.
bits 7−6
SSCON1
SSCON0
SCNT2
SCNT1
SCNT0
SHF2
SHF1
SHF0
DESCRIPTION
0
0
0
0
0
0
0
0
Clear Summation Register
0
0
0
1
0
0
0
0
CPU Summation on Write to SUMR0 (sum count/shift ignored)
0
0
1
0
0
0
0
0
CPU Subtraction on Write to SUMR0 (sum count/shift ignored)
1
0
x
x
x
Note (1)
Note (1)
Note (1)
CPU Shift only
0
1
Note (1)
Note (1)
Note (1)
x
x
x
ADC Summation only
1
1
Note (1)
Note (1)
Note (1)
Note (1)
Note (1)
Note (1)
ADC Summation completes, then shift completes
(1) Refer to register bit definition.
SCNT2−0
Summation Count. When the summation is complete an interrupt will be generated unless masked. Reading the
bits 5−3
SUMR0 register clears the interrupt.
SCNT2
SCNT1
SCNT0
SUMMATION COUNT
0
0
0
2
0
0
1
4
0
1
0
8
0
1
1
16
1
0
0
32
1
0
1
64
1
1
0
128
1
1
1
256
SHF2−0
Shift Count.
bits 2−0
SHF2
SHF1
SHF0
SHIFT
DIVIDE
0
0
0
1
2
0
0
1
2
4
0
1
0
3
8
0
1
1
4
16
1
0
0
5
32
1
0
1
6
64
1
1
0
7
128
1
1
1
8
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com