Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1202Y2RHHT Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog -to-Digital Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 51 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 47Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 48Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 49Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 50Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 51Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 52Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 53Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 54Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
51
Port 1 (P1)
7
6
5
4
3
2
1
0
Reset Value
SFR 90h
P1.7
INT5
P1.6
INT4
P1.5
INT3
P1.4
INT2/SS
P1.3
DIN
P1.2
DOUT
P1.1
P1.0
PROG
FFh
P1.7−0
General-Purpose I/O Port 1. This register functions as a general-purpose I/O port. In addition, all the pins have an
bits 7−0
alternative function listed below. Each of the functions is controlled by several other SFRs. The associated Port 1
latch bit must contain a logic ‘1’ before the pin can be used in its alternate function capacity. To use the alternate
function, set the appropriate mode in P1DDRL (SFR AEh), P1DDRH (SFR AFh).
INT5
External Interrupt 5. A falling edge on this pin will cause an external interrupt 5 if enabled.
bit 7
INT4
External Interrupt 4. A rising edge on this pin will cause an external interrupt 4 if enabled.
bit 6
INT3
External Interrupt 3. A falling edge on this pin will cause an external interrupt 3 if enabled.
bit 5
INT2/SS
External Interrupt 2. A rising edge on this pin will cause an external interrupt 2 if enabled. This pin can be used as
bit 4
slave select (SS) in SPI slave mode.
DIN
Serial Data In. This pin receives serial data in SPI and I2C modes (in I2C mode, this pin should be configured as an
bit 3
input) or standard 8051.
DOUT
Serial Data Out. This pin transmits serial data in SPI and I2C modes (in I2C mode, this pin should be configured as
bit 2
an open drain) or standard 8051.
PROG
Program Mode. When this pin is pulled low at power-up, the device enters Serial Programming mode (refer to
bit 0
Figure 2).
External Interrupt Flag (EXIF)
7
6
5
4
3
2
1
0
Reset Value
SFR 91h
IE5
IE4
IE3
IE2
1
0
0
0
08h
IE5
External Interrupt 5 Flag. This bit will be set when a falling edge is detected on INT5. This bit must be cleared
bit 7
manually by software. Setting this bit in software will cause an interrupt if enabled.
IE4
External Interrupt 4 Flag. This bit will be set when a rising edge is detected on INT4. This bit must be cleared
bit 6
manually by software. Setting this bit in software will cause an interrupt if enabled.
IE3
External Interrupt 3 Flag. This bit will be set when a falling edge is detected on INT3. This bit must be cleared
bit 5
manually by software. Setting this bit in software will cause an interrupt if enabled.
IE2
External Interrupt 2 Flag. This bit will be set when a rising edge is detected on INT2. This bit must be cleared
bit 4
manually by software. Setting this bit in software will cause an interrupt if enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com