Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1202Y2RHHT Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog -to-Digital Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 15 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 11Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 12Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 13Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 14Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 15Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 16Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 17Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 18Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
15
TYPICAL CHARACTERISTICS: ALL DEVICES
AVDD = +5V, DVDD = +5V, fOSC = 8MHz, PGA = 1, fMOD = 15.625kHz, ADC Bipolar Mode, Buffer ON, and VREF ≡ (REF IN+) − (REF IN−) = +2.5V, unless
otherwise specified.
15
10
5
0
−5
−10
−15
ADC INTEGRAL NONLINEARITY
vs INPUT VOLTAGE
ADC Input Voltage (V)
−2.5
−1.0 −0.5
1.0
0.5
2.0
2.5
−1.5
−2.0
0
1.5
+125
_C
+85
_C
+25
_C
−55_C
−40_C
AV
DD =5V
V
REF =2.5V
Buffer ON
15
10
5
0
−5
−10
−15
ADC INTEGRAL NONLINEARITY
vs INPUT VOLTAGE
ADC Input Voltage (V)
−2.5
−1.0 −0.5
1.0
0.5
2.0
2.5
−1.5
−2.0
0
1.5
+85
_C
+25
_C
−40_C
AV
DD =5V
V
REF =2.5V
Buffer OFF
15
10
5
0
−5
−10
−15
ADC INTEGRAL NONLINEARITY
vs INPUT SIGNAL
V
IN (V)
V
IN = − VREF
0V
IN =+VREF
V
REF =AVDD =5V
Buffer OFF
30
25
20
15
10
5
0
ADC INTEGRAL NONLINEARITY
vs V
REF
V
REF (V)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V
IN =VREF
Buffer OFF
AV
DD =3V
AV
DD =5V
ADC INTEGRAL NONLINEARITY ERROR
vs PGA
PGA Setting
14
216
8128
64
32
50
45
40
35
30
25
20
15
10
5
0
AV
DD =5V
V
REF =2.5V
15
10
5
0
−5
−10
−15
ADC OFFSET vs TEMPERATURE
(Offset Calibration at 25
_COnly)
Temperature (
_C)
−60
0
20
80
60
120 140
−20
−40
40
100
AV
DD =5V
AV
DD =3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com