Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1202Y2RHHT Datasheet(PDF) 75 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog -to-Digital Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 75 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 71Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 72Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 73Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 74Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 75Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 76Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 77Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 78Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
75
Low Voltage Detect Control (LVDCON)
7
6
5
4
3
2
1
0
Reset Value
SFR E7h
ALVDIS
0
0
0
ALVD3
ALVD2
ALVD1
ALVD0
8Fh
ALVDIS
Analog Low Voltage Detect Disable.
bit 7
0 = Enable Detection of Low Analog Supply Voltage (ALVD flag and interrupt are set when AVDD < ALVD threshold)
1 = Disable Detection of Low Analog Supply Voltage
ALVD3−0
Analog Low Voltage Detect. Sets ALVD threshold.
bits 7−4
0000: 4.6V
0001: 4.2V
0010: 3.8V
0011: 3.6V
0100: 3.3V
0101: 3.1V
0110: 2.9V
0111: 2.7V
1000: Reserved
1001: Reserved
1010: Reserved
1011: Reserved
1100: Reserved
1101: Reserved
1110: Reserved
1111: Reserved
Extended Interrupt Enable (EIE)
7
6
5
4
3
2
1
0
Reset Value
SFR E8h
1
1
1
EWDI
EX5
EX4
EX3
EX2
E0h
EWDI
Enable Watchdog Interrupt. This bit enables/disables the watchdog interrupt. The Watchdog timer is enabled by
bit 4
the WDTCON (SFR FFh) and PDCON (SFR F1h) registers.
0 = Disable the Watchdog Interrupt
1 = Enable Interrupt Request Generated by the Watchdog Timer
EX5
External Interrupt 5 Enable. This bit enables/disables external interrupt 5.
bit 3
0 = Disable External Interrupt 5
1 = Enable External Interrupt 5
EX4
External Interrupt 4 Enable. This bit enables/disables external interrupt 4.
bit 2
0 = Disable External Interrupt 4
1 = Enable External Interrupt 4
EX3
External Interrupt 3 Enable. This bit enables/disables external interrupt 3.
bit 1
0 = Disable External Interrupt 3
1 = Enable External Interrupt 3
EX2
External Interrupt 2 Enable. This bit enables/disables external interrupt 2.
bit 0
0 = Disable External Interrupt 2
1 = Enable External Interrupt 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com