Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC1202Y2RHHT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1202Y2RHHT
Description  Precision Analog -to-Digital Converter
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSC1202Y2RHHT Datasheet(HTML) 10 Page - Texas Instruments

Back Button MSC1202Y2RHHT Datasheet HTML 6Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 7Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 8Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 9Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 10Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 11Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 12Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 13Page - Texas Instruments MSC1202Y2RHHT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
10
PIN ASSIGNMENTS
NAME
MSC1200
PIN #
MSC1201/1202
PIN #
DESCRIPTION
NC
1, 6, 7, 8, 16,
25, 47
5
No Connection. Leave unconnected.
XIN
2
1
The crystal oscillator pin XIN supports parallel resonant AT-cut fundamental frequency crystals and
ceramic resonators. XIN can also be an input if there is an external clock source instead of a crystal.
XIN must not be left floating.
XOUT
3
2
The crystal oscillator pin XOUT supports parallel resonant AT-cut fundamental frequency crystals and
ceramic resonators. XOUT serves as the output of the crystal amplifier.
DGND
4, 33, 34, 48
3, 26
Digital Ground
RST
5
4
Holding the reset input high for two tOSC periods will reset the device.
AVDD
9
6
Analog Power Supply
AGND
10, 11
7, 8
Analog Ground
AINCOM
12
9
Analog Input (can be analog common for single-ended inputs or analog input for differential inputs)
IDAC
13
10
IDAC Output
REFOUT/REF IN+
14
11
Internal Voltage Reference Output/Voltage Reference Positive Input (required CREF = 0.1µF)
REF IN−
15
12
Voltage Reference Negative Input (tie to AGND for internal voltage reference)
AIN7
17
—
Analog Input Channel 7
AIN6
18
—
Analog Input Channel 6
AIN5
19
13
Analog Input Channel 5
AIN4
20
14
Analog Input Channel 4
AIN3
21
15
Analog Input Channel 3
AIN2
22
16
Analog Input Channel 2
AIN1
23
17
Analog Input Channel 1
AIN0
24
18
Analog Input Channel 0
P1.0−P1.7
26−32, 37
19−25, 28
Port 1 is a bidirectional I/O port (refer to P1DDRL, SFR AEh, and P1DDRH, SFR AFh, for port pin
configuration control).
The alternate functions for Port 1 are listed below.
Port
Alternate Name(s)
Alternate Use
P1.0
PROG
Serial programming mode (must be DGND on reset)
P1.1
N/A
P1.2
DOUT
Serial data out
P1.3
DIN
Serial data in
P1.4
INT2/SS
External interrupt 2 / Slave Select
P1.5
INT3
External interrupt 3
P1.6
INT4
External interrupt 4
P1.7
INT5
External interrupt 5
DVDD
35, 36, 46
27
Digital Power Supply
P3.0−P3.7
38−45
29−36
Port 3 is a bidirectional I/O port (refer to P3DDRL, SFR B3h, and P3DDRH, SFR B4h, for port pin
configuration control).
The alternate functions for Port 3 are listed below.
Port
Alternate Name(s)
Alternate Use
P3.0
RxD0
Serial port 0 input
P3.1
TxD0
Serial port 0 output
P3.2
INT0
External interrupt 0
P3.3
INT1
External interrupt 1
P3.4
T0
Timer 0 external input
P3.5
T1
Timer 1 external input
P3.6
SCK/SCL/CLKS
SCK / SCL / various clocks (refer to PASEL, SFR F2h)
P3.7
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com