Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JBXFD1G05MCSDSMR Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # JBXFD1G05MCSDSMR
Description  Sealed and Unsealed Push-Pull Connectors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JBXFD1G05MCSDSMR Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button JBXFD1G05MCSDSMR Datasheet HTML 15Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 16Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 17Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 18Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 19Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 20Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 21Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 22Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
19
JBX Series
Push-Pull Connectors
Connector assembly
1 - Select the proper collet  (see page 217).
2 - Slide the protective boot , the backnut
, the collet  and the elbow outlet 
onto the cable.
3 - In case of a screened cable, comb out
the screen and fold back over the collet
.
4 - Position in the elbow outlet making sure
the anti-rotating keys are well aligned.
5 - Tighten the backnut  till bottomed.
6 - Install the protective boot  if exists.
1 - Select the proper crimping tool (see page
49) and position according to connectors
involved.
2 - Adjust the tool selector for the correspon
ding conductor AWG.
3 - Crimp the contacts  then engage them
into the insert cavities  till clip tightening.
1 - Position the ring  on the insert  then
engage all in the spacer 
2 - Position all the sub-assembly in the
connector housing  with milled flats A of
the elbow outlet facing to the rear of the
plug housing.
3 - Tighten the screw  at the torque values
defined on page 217.
90° Elbow plug
Connector preparation
Cable stripping : see page 217
Contact wiring : crimp contacts
Contact wiring : solder contacts
Fixed solder contacts 0.5 mm and 0.7 mm
Removable solder contacts from 0.9 mm to 2 mm
1 - Terminate the bucket contacts
using solder method
1 - Solder the conductors to the contact buckets then
engage them into the insert cavities
till clip holding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com