Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JBXFD1G05MCSDSMR Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # JBXFD1G05MCSDSMR
Description  Sealed and Unsealed Push-Pull Connectors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JBXFD1G05MCSDSMR Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button JBXFD1G05MCSDSMR Datasheet HTML 2Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 3Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 4Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 5Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 6Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 7Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 8Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 9Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
6
JBX Series
Push-Pull Connectors
Basic series
JBX
FD
1
G
05
M
C
S
D
S
M
R
Shell type-Receptacle
Shell type - Plug
ER-EA-SR-PC-ED-EP-EZ-SA
FD-FC-FF-FM-FN
Shell size
00 - 0 - 1 - 2 - 3
Keying
G - J - A - B
Contact layout
02 ---------- 30
Contact type
M
: pin
F
: socket
Contact termination
C
: crimp; S: solder; P*: straight PCB tails ; Q*: Right Angle PCB tails
Surface plating
S
: Outer shell brass alloy chrome over nickel plating
N
: Outer shell in brass alloy with black plating (consult SOURIAU USA)
Obligatory Suffix
D
: For all part numbers
Contact Size
S
: All contact diameters except .05 mm P: 0.5 mm contact dimensions only
Cable Backnut Option
M
: Connector with backnut for protective boot - Protective boot to order separately page 13
Key Identifier
R
: Red dot on shell for ED, ER, EZ, PC, SR, FC, FD, FF, FM & FN only
Major features & benefits
Part number system
User advantages
* For receptacle with female contact only
Blister packaging
Key features
• Mechanically keyed : ensures correct polari
sation and alignment.
• Contact layouts from 2 to 30 contacts.
• Wire gauges range from 30 AWG to 12 AWG.
• High contact density in a small space.
• Contact termination in either crimp, solder,
PCB or right angle PCB contacts.
6-collet cluster
Allows a wide range of cable diameter
applications for a single connector.
Removable contacts
Available crimp versions allow
easier wiring and maintenance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com