Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JBXFD1G05MCSDSMR Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # JBXFD1G05MCSDSMR
Description  Sealed and Unsealed Push-Pull Connectors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JBXFD1G05MCSDSMR Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button JBXFD1G05MCSDSMR Datasheet HTML 36Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 37Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 38Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 39Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 40Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 41Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 42Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 43Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 44Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
42
JBX Series
Push-Pull Connectors
mbar
psi
mmHg (torr)
100
1.4
76
50
0.72
38
10
0.14
7.6
1.32
0.019
1
bar
psi
mmHg (torr)
10
145.0
7600
5
72.5
3800
2
29.0
1520
1
14.5
760
0.5
7.2
380
0.1
1.4
76
(C°)
(°F)
- 70
- 94
- 65
- 85
- 55
- 67
- 50
- 58
- 40
- 40
0
32
37
98.6
80
176
125
257
150
302
170
338
200
392
250
482
(mm)
(inches)
(mm)
(inches)
(mm)
(inches)
0.1
0.00394
8.2
0.32308
38.0
1.49720
0.2
0.00788
8.4
0.33096
38.5
1.51690
0.3
0.01182
8.6
0.33884
39.0
1.53660
0.4
0.01576
8.8
0.34672
39.5
1.55630
0.5
0.01970
9.0
0.35460
40.0
1.57600
0.6
0.02364
9.2
0.36248
40.5
1.59570
0.7
0.02758
9.4
0.37036
41.0
1.61540
0.8
0.03152
9.6
0.37824
41.5
1.63510
0.9
0.03546
9.8
0.38612
42.0
1.65480
1.0
0.03940
10.0
0.39400
42.5
1.67450
1.1
0.04334
10.5
0.41370
43.0
1.69420
1.2
0.04728
11.0
0.43340
43.5
1.71390
1.3
0.05122
11.5
0.45310
44.0
1.73360
1.4
0.05516
12.0
0.47280
44.5
1.75330
1.5
0.05910
12.5
0.49250
45.0
1.77300
1.6
0.06304
13.0
0.51220
45.5
1.79270
1.7
0.06698
13.5
0.53190
46.0
1.81240
1.8
0.07092
14.0
0.55160
46.5
1.83210
1.9
0.07486
14.5
0.57130
47.0
1.85180
2.0
0.07880
15.0
0.59100
47.5
1.87150
2.1
0.08274
15.5
0.61070
48.0
1.89120
2.2
0.08668
16.0
0.63040
48.5
1.91090
2.3
0.09062
16.5
0.65010
49.0
1.93060
2.4
0.09456
17.0
0.66980
49.5
1.95030
2.5
0.09850
17.5
0.68950
50.0
1.97000
2.6
0.10244
18.0
0.70920
51.0
2.00940
2.7
0.10638
18.5
0.72892
52.0
2.04880
2.8
0.11032
19.0
0.74860
53.0
2.08820
2.9
0.11426
19.5
0.76830
54.0
2.12760
3.0
0.11820
20.0
0.78800
55.0
2.16700
3.1
0.12214
20.5
0.80770
56.0
2.20640
3.2
0.12608
21.0
0.82740
57.0
2.24580
3.3
0.13002
21.5
0.84710
58.0
2.28520
3.4
0.13396
22.0
0.86680
59.0
2.32460
3.5
0.13790
22.5
0.88650
60.0
2.40340
3.6
0.14184
23.0
0.90620
61.0
2.44280
3.7
0.14578
23.5
0.92590
62.0
2.48220
3.8
0.14972
24.0
0.94560
63.0
2.52160
3.9
0.15366
24.5
0.96530
64.0
2.56100
4.0
0.15760
25.0
0.98500
65.0
2.60040
4.1
0.16154
25.5
1.00470
66.0
2.63980
4.2
0.16548
26.0
1.02440
67.0
2.67920
4.3
0.16942
26.5
1.04410
68.0
2.71860
4.4
0.17336
27.0
1.06380
69.0
2.75800
4.5
0.17730
27.5
1.08350
70.0
2.79740
4.6
0.18124
28.0
1.10320
71.0
2.83680
4.7
0.18518
28.5
1.12290
72.0
2.87620
4.8
0.18912
29.0
1.14260
73.0
2.91560
4.9
0.19306
29.5
1.16230
74.0
2.95500
5.0
0.19700
30.0
1.18200
75.0
3.15200
5.2
0.20488
30.5
1.20170
80.0
3.34900
5.4
0.21276
31.0
1.22140
85.0
3.54600
5.6
0.22064
31.5
1.24110
90.0
3.94000
5.8
0.22852
32.0
1.26080
100.0
7.88000
6.0
0.23640
32.5
1.28050
200.0
15.76000
6.2
0.24428
33.0
1.30020
400.0
23.64000
6.4
0.25216
33.5
1.31990
600.0
31.52000
6.6
0.26004
34.0
1.33960
800.0
39.40000
6.8
0.26792
34.5
1.35930
1000.0
47.28000
7.0
0.27580
35.0
1.37900
1200.0
63.04000
7.2
0.28368
35.5
1.39870
1600.0
78.80000
7.4
0.29156
36.0
1.41840
2000.0
126.08000
7.6
0.29944
36.5
1.43810
3200.0
7.8
0.30732
37.0
1.45780
8.0
0.31520
37.5
1.47750
Conversion table
Milimeters / Inches
°C / °F
Pressure conversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com