Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JBXFD1G05MCSDSMR Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # JBXFD1G05MCSDSMR
Description  Sealed and Unsealed Push-Pull Connectors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JBXFD1G05MCSDSMR Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button JBXFD1G05MCSDSMR Datasheet HTML 17Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 18Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 19Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 20Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 21Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 22Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 23Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 24Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
21
JBX Series
Push-Pull Connectors
Tools
(jaw dimensions)
7 x 0.5
9 x 0.6
12 x 1
15 x 1
18 x 1
Advised torques* in Nm
Size
00
0
1
2
3
00
0
1
2
3
7
11
14
17
21
0.5
0.7
1.3
1.7
2
6
8
10
13
15
0.7
0.8
1
1.5
2
6
9
11
14
16
0.7
0.8
1
1.5
2
-
10
12
15
17
-
0.4 to 0.5
0.5 to 0.7
-
10
13
17
20
0.5
0.7
1.3
1.7
2
-
9
13
15
-
-
-
-
-
-
1
2
3
4
5
Shell size
Electrical continuity
(m
Ω)
00
4.5
0
4
1
3
2
2.5
3
2.5
Torque values are the maximum allowable for each connector size.
Torque values will vary due to the type and size of the cable used.
*Apply thread lock to back nut prior to assembly.
Note : All the tooling numbers refer to the drawings page 205
Tested according to MIL-STD 1344 A, method 3007
Coupling torques
Shielding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com