Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JBXFD1G05MCSDSMR Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # JBXFD1G05MCSDSMR
Description  Sealed and Unsealed Push-Pull Connectors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JBXFD1G05MCSDSMR Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button JBXFD1G05MCSDSMR Datasheet HTML 33Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 34Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 35Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 36Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 37Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 38Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 39Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 40Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
37
JBX Series
Push-Pull Connectors
Part Number
Shell
size
Dimensions
Ø A
Ø B
L
N
JAX RA 00 251
00
10
7.2
0.3
21.5
JAX RA 0 251
0
13
9.1
0.3
24
JAX RA 1 251
1
16
12.2
0.3
24
JAX RA 2 251
2
21
15.1
0.8
35
JAX RA 3 251
3
25
18.1
0.8
37
Part Number
Shell
size
Ø A
B
L
M
N
T
E
JBX 00 RIN
00
10
8.8
1.8
1
0.8
8
4.4
JBX 0 RI*
0
12
10.8
1.8
1
0.8
9.9
6.4
JBX 1 RI*
1
16
13.8
1.8
1
0.8
12.2
8.4
JBX 2 RI*
2
21
17.8
2.2
1.2
0.8
16.2
8.2
JBX 3 RI*
3
25
21.8
2.2
1.2
0.8
20.2
10.1
Color code
Colors
A
blue
B
white
G
grey
J
yellow
M
brown
N
black
R
red
V
green
O
orange
Accessories JBX
Insulating washer
Grounding washer
Material : PA 6/6
Working temperature :
- 40°C ; + 125°C
- 40°F ; + 257°F
Using 2 washers for receptacle / panel insulating
For use with JBX only, not sealed JBX or JKX
2 Washers
Nut
Receptacle
L
Ø A
Ø B
For use with JBX only, not sealed JBX or JKX
Material :
- Brass
- Nickel plated (3 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com