Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JBXFD1G05MCSDSMR Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # JBXFD1G05MCSDSMR
Description  Sealed and Unsealed Push-Pull Connectors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

JBXFD1G05MCSDSMR Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button JBXFD1G05MCSDSMR Datasheet HTML 36Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 37Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 38Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 39Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 40Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 41Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 42Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 43Page - List of Unclassifed Manufacturers JBXFD1G05MCSDSMR Datasheet HTML 44Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
41
JBX Series
Push-Pull Connectors
Shell size
Ø Contact
AWG
Male & female contacts
SOURIAU P/N
DANIELS P/N
ASTRO P/N
2
1.6
14 - 16 - 18
JBX 2 OUT LT16
TH 564
650 - 030
2
12 - 14 -16
JBX 2 OUT LT20
TH 565
650 - 031
3
1.6
14 -16 - 18
JBX 3 OUT LT16
TH 566
650 - 038
2
12 - 14 - 16
JBX 3 OUT LT20
TH 567
650 - 035
Shell
size
Ø Contact
AWG
Male contact
Female contact
SOURIAU P/N
DANIELS P/N
ASTRO P/N
SOURIAU P/N
DANIELS P/N
ASTRO P/N
0
0.7
22 - 24 - 26 JBX 0 OUT LP 07
86 - 223
/
JBX 0 OUT LS 07
86 - 224
/
0.9
20 - 22 - 24 JBX 0 OUT LP 09
86 - 225
/
JBX 0 OUT LS 09
86 - 226
/
1
0.7
22 - 24 - 26 JBX 1 OUT LP 07
86 - 196
642 - 001
JBX 1 OUT LS 07
86 -197
642 - 004
0.9
20 - 22 - 24 JBX 1 OUT LP 09
86 - 198
642 - 002
JBX 1 OUT LS 09
86 - 199
642 - 005
1.3
18 - 20 - 22
JBX 1 OUT LP 13
86 - 200
642 - 003
JBX 1 OUT LS 13
86 - 201
642 - 006
2
0.7
22 - 24 - 26 JBX 2 OUT LP 07
86 - 202
642 - 007
JBX 2 OUT LS 07
86 - 203
642 - 010
0.9
20 - 22 - 24 JBX 2 OUT LP 09
86 - 204
642 - 008
JBX 2 OUT LS 09
86 - 205
642 - 011
1.3
18 - 20 - 22
JBX 2 OUT LP 13
86 - 206
642 - 009
JBX 2 OUT LS 13
86 - 207
642 - 012
3
0.7
22 - 24 - 26 JBX 3 OUT LP 07
86 - 217
642 - 014
JBX 3 OUT LS 07
86 - 214
642 - 017
0.9
20 - 22 - 24 JBX 3 OUT LP 09
86 - 218
642 - 015
JBX 3 OUT LS 09
86 - 215
642 -018
1.3
18 - 20 - 22
JBX 3 OUT LP 13
86 - 219
642 - 016
JBX 3 OUT LS 13
86 - 216
642 - 019
Locator for pin and socket 0.7 - 0.9 mm and 1.3 mm contacts
Turret with locator for pin and socket 1.6 mm and 2 mm contacts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com