Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L152C8T6 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM32L152C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152C8T6 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM32L152C8T6 Datasheet HTML 52Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 53Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 54Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 55Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 56Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 57Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 58Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 59Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 131 page
background image
Electrical characteristics
STM32L151x6/8/B, STM32L152x6/8/B
56/131
DocID17659 Rev 9
6.3.4
Supply current characteristics
The current consumption is a function of several parameters and factors such as the
operating voltage, ambient temperature, I/O pin loading, device software configuration,
operating frequencies, I/O pin switching rate, program location in memory and executed
binary code. The current consumption is measured as described in Figure 14: Current
consumption measurement scheme.
All Run-mode current consumption measurements given in this section are performed with a
reduced code that gives a consumption equivalent to Dhrystone 2.1 code.
Maximum current consumption
The MCU is placed under the following conditions:
•
VDD = 3.6 V
•
All I/O pins are in input mode with a static value at VDD or VSS (no load)
•
All peripherals are disabled except when explicitly mentioned
•
The Flash memory access time is adjusted depending on fHCLK frequency and voltage
range
•
Prefetch and 64-bit access are enabled in configurations with 1 wait state
•
When the peripherals are enabled fAPB1 = fAPB2 = fAHB
•
When fHCLK > 8 MHz, PLL is ON and PLL inputs are equal to HSI = 8 MHz (if internal
clock is used) or HSE = 8 MHz (if HSE bypass mode is used)
The parameters given in Table 17, Table 13 and Table 14 are derived from tests performed
under ambient temperature and VDD supply voltage conditions summarized in Table 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com