Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L152C8T6 Datasheet(PDF) 83 Page - STMicroelectronics

Part # STM32L152C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152C8T6 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM32L152C8T6 Datasheet HTML 79Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 80Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 81Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 82Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 83Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 84Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 85Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 86Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 131 page
background image
DocID17659 Rev 9
83/131
STM32L151x6/8/B, STM32L152x6/8/B
Electrical characteristics
105
Output driving current
The GPIOs (general purpose input/outputs) can sink or source up to ±8 mA, and sink or
source up to ±20 mA (with the non-standard VOL/VOH specifications given in Table 43.
In the user application, the number of I/O pins which can drive current must be limited to
respect the absolute maximum rating specified in Section 6.2:
•
The sum of the currents sourced by all the I/Os on VDD, plus the maximum Run
consumption of the MCU sourced on VDD, cannot exceed the absolute maximum rating
IVDDΣ (see Table 11).
•
The sum of the currents sunk by all the I/Os on VSS plus the maximum Run
consumption of the MCU sunk on VSS cannot exceed the absolute maximum rating
IVSSΣ (see Table 11).
Output voltage levels
Unless otherwise specified, the parameters given in Table 43 are derived from tests
performed under ambient temperature and VDD supply voltage conditions summarized in
Table 13. All I/Os are CMOS and TTL compliant.
Table 43. Output voltage characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
VOL(1)(2)
Output low level voltage for an I/O pin
IIO = +8 mA
2.7 V < VDD < 3.6 V
-0.4
V
VOH(3)(2)
Output high level voltage for an I/O pin
2.4
-
VOL (1)(4) Output low level voltage for an I/O pin
IIO =+ 4 mA
1.65 V < VDD < 2.7 V
-0.45
VOH (3)(4) Output high level voltage for an I/O pin
VDD-0.45
-
VOL(1)(4)
Output low level voltage for an I/O pin
IIO = +20 mA
2.7 V < VDD < 3.6 V
-1.3
VOH(3)(4) Output high level voltage for an I/O pin
VDD-1.3
-
1. The IIO current sunk by the device must always respect the absolute maximum rating specified in Table 11 and the sum of
IIO (I/O ports and control pins) must not exceed IVSS.
2. Tested in production.
3. The IIO current sourced by the device must always respect the absolute maximum rating specified in Table 11 and the sum
of IIO (I/O ports and control pins) must not exceed IVDD.
4. Based on characterization data, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com