Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L152C8T6 Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32L152C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152C8T6 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32L152C8T6 Datasheet HTML 61Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 62Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 63Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 64Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 65Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 66Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 67Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 68Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 131 page
background image
DocID17659 Rev 9
65/131
STM32L151x6/8/B, STM32L152x6/8/B
Electrical characteristics
105
On-chip peripheral current consumption
The current consumption of the on-chip peripherals is given in the following table. The MCU
is placed under the following conditions:
•
all I/O pins are in input mode with a static value at VDD or VSS (no load)
•
all peripherals are disabled unless otherwise mentioned
•
the given value is calculated by measuring the current consumption
–
with all peripherals clocked off
–
with only one peripheral clocked on
Table 23. Typical and maximum current consumptions in Standby mode
Symbol
Parameter
Conditions
Typ(1)
Max
(1)(2)
Unit
IDD
(Standby
with RTC)
Supply current in Standby
mode with RTC enabled
RTC clocked by LSI (no
independent watchdog)
TA = -40 °C to 25 °C
VDD = 1.8 V
0.9
-
µA
TA = -40 °C to 25 °C
1.1
1.8
TA = 55 °C
1.42
2.5
TA= 85 °C
1.87
3
TA = 105 °C
2.78
5
RTC clocked by LSE (no
independent watchdog)(3)
TA = -40 °C to 25 °C
VDD = 1.8 V
1-
TA = -40 °C to 25 °C
1.33
2.9
TA = 55 °C
1.59
3.4
TA= 85 °C
2.01
4.3
TA = 105 °C
3.27
6.3
IDD
(Standby)
Supply current in Standby
mode with RTC disabled
Independent watchdog
and LSI enabled
TA = -40 °C to 25 °C
1.1
1.6
Independent watchdog
and LSI OFF
TA = -40 °C to 25 °C
0.3
0.55
TA = 55 °C
0.5
0.8
TA = 85 °C
1
1.7
TA = 105 °C
2.5
4(4)
IDD (WU
from
Standby)
RMS supply current during
wakeup time when exiting
from Standby mode
-
VDD = 3.0 V
TA = -40 °C to 25 °C
1-
1. The typical values are given for VDD = 3.0 V and max values are given for VDD = 3.6 V, unless otherwise specified.
2. Based on characterization, not tested in production, unless otherwise specified.
3. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8pF
loading capacitors.
4. Tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com