Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L152C8T6 Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM32L152C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152C8T6 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM32L152C8T6 Datasheet HTML 53Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 54Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 55Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 56Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 57Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 58Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 59Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 60Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 131 page
background image
DocID17659 Rev 9
57/131
STM32L151x6/8/B, STM32L152x6/8/B
Electrical characteristics
105
Table 17. Current consumption in Run mode, code with data processing running from Flash
Symbol Parameter
Conditions
fHCLK
Typ
Max(1)
Unit
55 °C 85 °C 105 °C
IDD (Run
from
Flash)
Supply
current in
Run mode,
code
executed
from Flash
fHSE = fHCLK
up to 16 MHz,
included
fHSE = fHCLK/2
above 16 MHz
(PLL ON)(2)
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
1 MHz
270
400
400
400
µA
2 MHz
470
600
600
600
4 MHz
890
1025
1025
1025
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
4 MHz
1
1.3
1.3
1.3
mA
8 MHz
2
2.5
2.5
2.5
16 MHz
3.9
5
5
5
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
8 MHz
2.16
3
3
3
16 MHz
4.8
5.5
5.5
5.5
32 MHz
9.6
11
11
11
HSI clock source
(16 MHz)
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
16 MHz
4
5
5
5
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
32 MHz
9.4
11
11
11
MSI clock, 65 kHz
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
65 kHz
0.05 0.085
0.09
0.1
MSI clock, 524 kHz
524 kHz 0.15 0.185
0.19
0.2
MSI clock, 4.2 MHz
4.2 MHz
0.9
1
1
1
1. Based on characterization, not tested in production, unless otherwise specified.
2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com