Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L152C8T6 Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32L152C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152C8T6 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32L152C8T6 Datasheet HTML 59Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 60Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 61Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 62Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 63Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 64Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 65Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 66Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 131 page
background image
DocID17659 Rev 9
63/131
STM32L151x6/8/B, STM32L152x6/8/B
Electrical characteristics
105
Table 22. Typical and maximum current consumptions in Stop mode
Symbol
Parameter
Conditions
Typ
(1)
Max
(1)(2)
Uni
t
IDD (Stop
with RTC)
Supply current
in Stop mode
with RTC
enabled
RTC clocked by LSI,
regulator in LP mode,
HSI and HSE OFF
(no independent
watchdog)
LCD
OFF
TA = -40°C to 25°C
VDD = 1.8 V
1.2
2.75
µA
TA = -40°C to 25°C 1.4
4
TA = 55°C
2.6
6
TA= 85°C
4.8
10
TA = 105°C
10.2
23
LCD ON
(static
duty)(3)
TA = -40°C to 25°C 3.3
6
TA = 55°C
4.5
8
TA= 85°C
6.6
12
TA = 105°C
13.6
27
LCD ON
(1/8
duty)(4)
TA = -40°C to 25°C 7.7
10
TA = 55°C
8.6
12
TA= 85°C
10.7
16
TA = 105°C
19.8
40
RTC clocked by LSE
external clock (32.768
kHz), regulator in LP
mode, HSI and HSE
OFF (no independent
watchdog)
LCD
OFF
TA = -40°C to 25°C 1.6
4
TA = 55°C
2.7
6
TA= 85°C
4.8
10
TA = 105°C
10.3
23
LCD ON
(static
duty)(3)
TA = -40°C to 25°C 3.6
6
TA = 55°C
4.6
8
TA= 85°C
6.7
12
TA = 105°C
10.9
23
LCD ON
(1/8
duty)(4)
TA = -40°C to 25°C 7.6
10
TA = 55°C
8.6
12
TA= 85°C
10.7
16
TA = 105°C
19.8
40
RTC clocked by LSE
(no independent
watchdog)(5)
LCD
OFF
TA = -40°C to 25°C
VDD = 1.8 V
1.45
-
TA = -40°C to 25°C
VDD = 3.0 V
1.9
-
TA = -40°C to 25°C
VDD = 3.6 V
2.2
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com