Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L152C8T6 Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32L152C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152C8T6 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32L152C8T6 Datasheet HTML 62Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 63Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 64Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 65Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 66Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 67Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 68Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 69Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 131 page
background image
Electrical characteristics
STM32L151x6/8/B, STM32L152x6/8/B
66/131
DocID17659 Rev 9
Table 24. Peripheral current consumption(1)
Peripheral
Typical consumption, VDD = 3.0 V, TA = 25 °C
Unit
Range 1,
VCORE=1.8 V
VOS[1:0] = 01
Range 2,
VCORE=1.5 V
VOS[1:0] = 10
Range 3,
VCORE=1.2 V
VOS[1:0] = 11
Low power
sleep and run
APB1
TIM2
13
10.5
8
10.5
µA/MHz
(fHCLK)
TIM3
14
12
9
12
TIM4
12.5
10.5
8
11
TIM6
5.5
4.5
3.5
4.5
TIM7
5.5
5
3.5
4.5
LCD
5.553.5
5
WWDG
4
3.5
2.5
3.5
SPI2
5.5
5
4
5
USART2
9
8
5.5
8.5
USART3
10.5
9
6
8
I2C1
8.5
7
5.5
7.5
I2C2
8.5
7
5.5
6.5
USB
12.5
10
6.5
10
PWR
4.5
4
3
3.5
DAC
9
7.5
6
7
COMP
4.5
4
3.5
4.5
APB2
SYSCFG & RI
3
2.5
2
2.5
µA/MHz
(fHCLK)
TIM9
9
7.5
6
7
TIM10
6.5
5.5
4.5
5.5
TIM11
7
6
4.5
5.5
ADC(2)
11.5
9.5
8
9
SPI1
5
4.5
3
4
USART1
97.567.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com