Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L152C8T6 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32L152C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152C8T6 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32L152C8T6 Datasheet HTML 7Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 8Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 9Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 10Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 11Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 12Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 13Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 14Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 131 page
background image
DocID17659 Rev 9
11/131
STM32L151x6/8/B, STM32L152x6/8/B
Description
47
2.2
Ultralow power device continuum
The ultralow power STM32L151xx and STM32L152xx are fully pin-to-pin and software
compatible. Besides the full compatibility within the family, the devices are part of
STMicroelectronics microcontrollers ultralow power strategy which also includes
STM8L101xx and STM8L15xx devices. The STM8L and STM32L families allow a
continuum of performance, peripherals, system architecture and features.
They are all based on STMicroelectronics ultralow leakage process.
Note:
The ultralow power STM32L and general-purpose STM32Fxxxx families are pin-to-pin
compatible. The STM8L15xxx devices are pin-to-pin compatible with the STM8L101xx
devices. Please refer to the STM32F and STM8L documentation for more information on
these devices.
2.2.1
Performance
All families incorporate highly energy-efficient cores with both Harvard architecture and
pipelined execution: advanced STM8 core for STM8L families and ARM Cortex-M3 core for
STM32L family. In addition specific care for the design architecture has been taken to
optimize the mA/DMIPS and mA/MHz ratios.
This allows the ultralow power performance to range from 5 up to 33.3 DMIPs.
2.2.2
Shared peripherals
STM8L15xxx and STM32L1xxxx share identical peripherals which ensure a very easy
migration from one family to another:
•
Analog peripherals: ADC, DAC and comparators
•
Digital peripherals: RTC and some communication interfaces
2.2.3
Common system strategy
To offer flexibility and optimize performance, the STM8L15xx and STM32L1xxxx families
use a common architecture:
•
Same power supply range from 1.65 V to 3.6 V, (1.65 V at power down only for
STM8L15xx devices)
•
Architecture optimized to reach ultralow consumption both in low power modes and
Run mode
•
Fast startup strategy from low power modes
•
Flexible system clock
•
Ultrasafe reset: same reset strategy including power-on reset, power-down reset,
brownout reset and programmable voltage detector.
2.2.4
Features
ST ultralow power continuum also lies in feature compatibility:
•
More than 10 packages with pin count from 20 to 144 pins and size down to 3 x 3 mm
•
Memory density ranging from 4 to 384 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com