Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L152C8T6 Datasheet(PDF) 123 Page - STMicroelectronics

Part # STM32L152C8T6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152C8T6 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button STM32L152C8T6 Datasheet HTML 119Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 120Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 121Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 122Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 123Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 124Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 125Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 126Page - STMicroelectronics STM32L152C8T6 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 131 page
background image
DocID17659 Rev 9
123/131
STM32L151x6/8/B, STM32L152x6/8/B
Part numbering
130
8
Part numbering
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST sales office.
Table 70. Ordering information scheme
Example:
STM32 L 151 C 8
T
6
T
xxx
Device family
STM32 = ARM-based 32-bit microcontroller
Product type
L = Low power
Device subfamily
151: Devices without LCD
152: Devices with LCD
Pin count
C = 48 pins
R = 64 pins
V = 100 pins
Flash memory size
6 = 32 Kbytes of Flash memory
8 = 64 Kbytes of Flash memory
B = 128 Kbytes of Flash memory
Package
H = BGA
T = LQFP
U = UFQFPN
Temperature range
6 = Industrial temperature range, –40 to 85 °C
Options
No character = VDD range: 1.8 to 3.6 V and BOR enabled
T = VDD range: 1.65 to 3.6 V and BOR disabled
Packing
TR = tape and reel
No character = tray or tube



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com