Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP-SAFD254QA032GS-HT Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AP-SAFD254QA032GS-HT
Description  Serial ATA Flash Drive
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-SAFD254QA032GS-HT Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AP-SAFD254QA032GS-HT Datasheet HTML 6Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 7Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 8Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 9Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 10Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 11Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 12Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 13Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Serial ATA Flash Drive
AP-SAFD254QAxxxxS-XXHT
9
©2011 Apacer Technology Inc.
Rev. 1.5
Table 2-1 Command set (2 of 2)
Command
Code
FR
1
SC
2
SN
3
CY
4
DH
5
LBA
6
Set-Multiple-Mode
C6H
-
Y
-
-
D
-
Sleep
E6H
-
-
-
-
D
-
SMART
B0H
Y
Y
Y
Y
D
Standby
E2H
-
-
-
-
D
-
Standby-lmmediate
E0H
-
-
-
-
D
-
Write-DMA
CAH
-
Y
Y
Y
Y
Y
Write-Multiple
C5H
-
Y
Y
Y
Y
Y
Write-Sector(s)
30H
-
Y
Y
Y
Y
Y
1. FR - Features register
2. SC - Sector Count register
3. SN - Sector Number register
4. CY - Cylinder registers
5. DH - Drive/Head register
6. LBA - Logical Block Address mode supported (see command descriptions for use)
7. Y - The register contains a valid parameter for this command.
8. For the Drive/Head register:
Y means both the SAFD and Head parameters are used
D means only the SAFD parameter is valid and not the Head parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com