Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP-SAFD254QA032GS-HT Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # AP-SAFD254QA032GS-HT
Description  Serial ATA Flash Drive
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-SAFD254QA032GS-HT Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button AP-SAFD254QA032GS-HT Datasheet HTML 15Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 16Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 17Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 18Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 19Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 20Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 21Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 22Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Serial ATA Flash Drive
AP-SAFD254QAxxxxS-XXHT
18
©2011 Apacer Technology Inc.
Rev. 1.5
Identify Device Information Default Value (9/9)
Word
Value
F/V
Description
128
0001h
F
V
F
F
V
V
V
V
F
Security status
15-9
Reserved
8
Security level 0 = High, 1 = Maximum
7-6
Reserved
5
1 = Enhanced security erase supported
4
1 = Security count expired
3
1 = Security frozen
2
1 = Security locked
1
1 = Security enabled
0
1 = Security supported
129-159
0000h
X
Vendor specific
160-254
0000h
X
Reserved
255
0000h
X
Integrity word
15-8
Checksum
7-0
Signature
Key:
F/V = Fixed/variable content
F = the content of word is fixed and does not change. For removable media devices, these values may change when media is removed
or changed.
V = the contents of the word is variable and may change depending on the state of the device or the commands executed by the
device.
X = the content of the word may be fixed or variable.
2.1.5 Idle (E3h)
This command causes the device to set BSY, enter the Idle mode, clear BSY and generate an interrupt. If
sector count is non-zero, the automatic power down mode is enabled. If the sector count is zero, the
automatic power mode is disabled.
2.1.6 Idle Immediate (E1h)
This command causes the device to set BSY, enter the Idle(Read) mode, clear BSY and generate an interrupt.
2.1.7 Initialize Drive Parameters (C8h)
This command enables the host to set the number of sectors per track and the number of tracks per heads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com