Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP-SAFD254QA032GS-HT Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # AP-SAFD254QA032GS-HT
Description  Serial ATA Flash Drive
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-SAFD254QA032GS-HT Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button AP-SAFD254QA032GS-HT Datasheet HTML 25Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 26Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 27Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 28Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 29Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 30Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 31Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 32Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Serial ATA Flash Drive
AP-SAFD254QAxxxxS-XXHT
28
©2011 Apacer Technology Inc.
Rev. 1.5
5. Electrical Characteristics
5.1
Operating Voltage
Table 5-1 lists the supply voltage for SAFD 254.
Table 5-1 SAFD 254 operating voltage
Parameter
Conditions
Supply voltage
5.0 V ±10% ( 4.5-5.5 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com