Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP-SAFD254QA032GS-HT Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # AP-SAFD254QA032GS-HT
Description  Serial ATA Flash Drive
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-SAFD254QA032GS-HT Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button AP-SAFD254QA032GS-HT Datasheet HTML 24Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 25Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 26Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 27Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 28Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 29Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 30Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 31Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Serial ATA Flash Drive
AP-SAFD254QAxxxxS-XXHT
27
©2011 Apacer Technology Inc.
Rev. 1.5
4. Environmental Specifications
4.1
Environments
The SAFD 254 environmental specifications follow the US Military Standard MIL-STD-810F, as shown in
Table 4-1.
Table 4-1 SAFD 254 environmental specifications
Environment
Specification
0°C to 70°C (Operating – Standard); -40°C to 85°C ( Operating – ET*)
Temperature
-40°C to 100°C (Non-operating)
Humidity
5% to 95% RH (Non-condensing)
Vibration
Sine wave: 5~55~5 Hz (X, Y, Z)
Random: 10-2000 Hz, 16.3 G (X, Y, Z)
Shock - Operating
Acceleration: 1,500 G, 0.5 ms
Peak acceleration: 50 G, 11 ms
Altitude
80,000 ft
*Extended Temperature
4.2
Mean Time Between Failures (MTBF)
Mean Time Between Failures (MTBF) is predicted based on reliability data for the individual components in
the SAFD drive. Although many component MTBFs are given in databases and often these values are not
really accurate, the prediction result for the SAFD 254 is more than 2,000,000 hours.
4.3
Certification and Compliance
The SAFD 254 drive complies with the following standards:
CE – EN55022/55024
FCC 47CFR Part15 Class B
RoHS
MIL-STD-810F
SATA II (SATA Rev. 2.6)
Up to ATA/ATAPI-7 ( including S.M.A.R.T.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com