Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP-SAFD254QA032GS-HT Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # AP-SAFD254QA032GS-HT
Description  Serial ATA Flash Drive
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-SAFD254QA032GS-HT Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button AP-SAFD254QA032GS-HT Datasheet HTML 19Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 20Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 21Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 22Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 23Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 24Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 25Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 26Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Serial ATA Flash Drive
AP-SAFD254QAxxxxS-XXHT
22
©2011 Apacer Technology Inc.
Rev. 1.5
The attribute ID information is listed in the following table
Detail Information
ID
Description
Byte
Description
E5h
Halt System ID, Flash ID
0
1
2
3
4
5
6
7
Halt System ID
Flash ID (byte 1)
Flash ID (byte 2)
Flash ID (byte 3)
Flash ID (byte 4)
Flash ID (byte 5)
Flash ID (byte 6)
Flash ID (byte 7)
E8h
Firmware version information
0
1
2
3
4
5
6
7
Year (High Byte, ASCII)
Year (Low Byte, ASCII)
Month (High Byte, ASCII)
Month (Low Byte, ASCII)
Day (High Byte, ASCII)
Day (Low Byte, ASCII)
Channels (binary)
Banks (binary)
E9h
ECC Fail Record
0
1
2
3
4
5
6
7
ECC fail number
Row address 3
Row address 2
Row address 1
Channel number of last ECC fail
Bank number of last ECC fail
Reserved
Reserved
EAh
Average Erase Count, Max Erase Count
0
1
2
3
4
5
6
7
Average Erase Count (High Byte)
Average Erase Count
Average Erase Count (Low Byte)
Max Erase Count (High Byte)
Max Erase Count
Max Erase Count (Low Byte)
Reserved
Reserved
EBh
Good Block Count, System Block Count
0
1
2
3
4
5
6
7
Good Block Count (High Byte)
Good Block Count
Good Block Count (Low Byte)
System(Free) Block Count (High Byte)
System(Free) Block Count Count
System(Free) Block Count Count (Low Byte)
Reserved
Reserved
ECh-FFh
Reserved
SMART READ ATTRIBUTE THRESHOLD
This transfers 512 bytes of drive failure threshold data to the host.
SMART ENABLE/DISABLE ATTRIBUTE AUTOSAVE
Enables or disables the attribute value autosave function. This command specifies whether the current
attribute values are automatically saved to the drive when it changes the mode. This setting is maintained
when the power is turned on and off.
SMART SAVE ATTRIBUTE VALUE
Saves any modified attribute values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com