Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP-SAFD254QA032GS-HT Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # AP-SAFD254QA032GS-HT
Description  Serial ATA Flash Drive
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-SAFD254QA032GS-HT Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button AP-SAFD254QA032GS-HT Datasheet HTML 21Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 22Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 23Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 24Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 25Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 26Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 27Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 28Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
Serial ATA Flash Drive
AP-SAFD254QAxxxxS-XXHT
24
©2011 Apacer Technology Inc.
Rev. 1.5
2.1.26 Write DMA (CAh)
Write data to sectors during Ultra DMA and Multiword DMA transfer. Use the SET FEATURES command to
specify the mode value.
2.1.27 Write Multiple (C5h)
This command is similar to the Write Sectors command. Interrupts are not presented on each sector, but on
the transfer of a block which contains the number of sectors defined by Set Multiple command.
2.1.28 Write Sector(s) (30h)
Write data to a specified number of sectors (1 to 256, as specified with the Sector Counter register) from the
specified address. Specify “00h” to write 256 sectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com