Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP-SAFD254QA032GS-HT Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # AP-SAFD254QA032GS-HT
Description  Serial ATA Flash Drive
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP-SAFD254QA032GS-HT Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button AP-SAFD254QA032GS-HT Datasheet HTML 14Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 15Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 16Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 17Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 18Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 19Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 20Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 21Page - List of Unclassifed Manufacturers AP-SAFD254QA032GS-HT Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Serial ATA Flash Drive
AP-SAFD254QAxxxxS-XXHT
17
©2011 Apacer Technology Inc.
Rev. 1.5
Identify Device Information Default Value (8/9)
Word
Value
F/V
Description
88
203Fh
V
V
V
V
V
F
F
F
F
F
F
15-13
Reserved
12
1 = Ultra DMA mode 4 is selected
0 = Ultra DMA mode 4 is not selected
11
1 = Ultra DMA mode 3 is selected
0 = Ultra DMA mode 3 is not selected
10
1 = Ultra DMA mode 2 is selected
0 = Ultra DMA mode 2 is not selected
9
1 = Ultra DMA mode 1 is selected
0 = Ultra DMA mode 1 is not selected
8
1 = Ultra DMA mode 0 is selected
0 = Ultra DMA mode 0 is not selected
7-5
Reserved
4
1 = Ultra DMA mode 4 and below are supported
3
1 = Ultra DMA mode 3 and below are supported
2
1 = Ultra DMA mode 2 and below are supported
1
1 = Ultra DMA mode 1 and below are supported
0
1 = Ultra DMA mode 0 and below are supported
89
0000h
F
Time required for security erase unit completion
90
0000h
F
Time required for Enhanced security erase completion
91
0000h
V
Current advanced power management value
92
0000h
V
Master Password Revision Code
93
0000h
X
Hardware reset result
94-126
0000h
V
Reserved
127
0000h
F
F
Removable Media Status Notification feature set support
15-2
Reserved
1-0
00 = Removable Media Status Notification feature set not supported
01 = Removable Media Status Notification feature set supported
10 = Reserved
11 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com