Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP55281RL/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Part # LP55281RL/NOPB
Description  Quad RGB Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55281RL/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP55281RL/NOPB Datasheet HTML 11Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 12Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 13Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 14Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 15Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 16Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 17Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 18Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
1 / fPWM
R1
G1
B1
R2
G2
B2
R3
G3
B3
R4
G4
B4
LP55281
www.ti.com
SNVS458B – JUNE 2007 – REVISED JUNE 2007
0
1
19.84 kHz
1
0
39.68 kHz
1
1
39.68 kHz
Each RGB set has equivalent internal PWM timing between R, G and B: R has a fixed start time, G has a fixed
midpulse time and B has a fixed pulse end time. PWM start time for each RGB set is different in order to
minimize the instantaneous current loading due to the current sink switch on transition. See following timing
diagram for details.
Timing Diagram
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP55281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com