Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP55281RL/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Part # LP55281RL/NOPB
Description  Quad RGB Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55281RL/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button LP55281RL/NOPB Datasheet HTML 22Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 23Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 24Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 25Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 26Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 27Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 28Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 29Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
SDA
SCL
1
8
2
3
7
6
5
8
10
4
9
1
7
LP55281
SNVS458B – JUNE 2007 – REVISED JUNE 2007
www.ti.com
Figure 27. I2C Timing Diagram
Symbol
Parameter
Limit
Units
Min
Max
1
Hold Time (repeated)
0.6
µs
START condition
2
Clock Low Time
1.3
µs
3
Clock High Time
600
ns
4
Setup Time for a Repeated
600
ns
START Condition
5
Data Hold Time
50
ns
6
Data Setup TIme
100
ns
7
Rise Time of SDA and SCL
20 + 0.1Cb
300
ns
8
Fall Time of SDA and SCL
15 + 0.1Cb
300
ns
9
Set-up Time for STOP
600
ns
condition
10
Bus Free Time between a
1.3
µs
STOP and a START
Condtion
Cb
Capacitive Load for Each
10
200
pF
Bus Line
NOTE
Data guaranteed by design
Recommended External Components
OUTPUT CAPACITOR, COUT:
The output capacitor COUT directly affects the magnitude of the output ripple voltage. In general, the higher the
value of COUT, the lower the output ripple magnitude. Multilayer ceramic capacitors with low ESR are the best
choice. At the lighter loads, the low ESR ceramics offer a much lower VOUT ripple than the higher ESR tantalums
of the same value. At the higher loads, the ceramics offer a slightly lower VOUT ripple magnitude than the
tantalums of the same value. However, the dv/dt of the VOUT ripple with the ceramics is much lower than the
tantalums under all load conditions. Capacitor voltage rating must be sufficient, 10V or greater is recommended.
Some ceramic capacitors, espesically those in small packages, exhibit a strong capacitance reduction with the
increased applied voltage. The capacitance value can fall to below half of the nominal capacitance. Too low
output capacitance will increase the noise and it can make the boost converter unstable.
INPUT CAPACITOR, CIN:
The input capacitor CIN directly affects the magnitude of the input ripple voltage and to a lesser degree the VOUT
ripple. A higher value CIN will give a lower VIN ripple. Capacitor voltage rating must be sufficient, 10V or greater is
recommended.
26
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LP55281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com