Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP55281RL/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # LP55281RL/NOPB
Description  Quad RGB Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55281RL/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP55281RL/NOPB Datasheet HTML 19Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 20Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 21Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 22Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 23Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 24Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 25Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 26Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
SDA
SCL
S
P
START condition
STO
P condition
S
1
2
3...6
7
8
9
Start
Condition
Acknowledge Signal
from Receiver
Transmitter Stays off the
Bus During the
Acknowledge Clock
SCL
SDA
data
change
allowed
data
valid
data
change
allowed
data
valid
data
change
allowed
LP55281
www.ti.com
SNVS458B – JUNE 2007 – REVISED JUNE 2007
Figure 21. Data Validity
Each data transaction is composed of a Start Condition, a number of byte transfers (set by the software) and a
Stop Condition to terminate the transaction. Every byte written to the SDA bus must be 8 bits long and is
transferred with the most significant bit first. After each byte, an Acknowledge signal must follow. The following
sections provide further details of this process.
Figure 22. Acknowledge Signal
The Master device on the bus always generates the Start and Stop Conditions (control codes). After a Start
Condition is generated, the bus is considered busy and it retains this status until a certain time after a Stop
Condition is generated. A high-to-low transition of the data line (SDA), while the clock (SCL) is high, indicates a
Start Condition. A low-to-high transition of the SDA line, while the SCL is high, indicates a Stop Condition
Figure 23. Start and Stop Conditions
In addition to the first Start Condition, a repeated Start Condition can be generated in the middle of a transaction.
This allows another device to be accessed or a register read cycle.
Acknowledge Cycle
The Acknowledge Cycle consists of two signals: the acknowledge clock pulse the master sends with each byte
transferred, and the acknowledge signal sent by the receiving device.
The master generates the acknowledge clock pulse on the ninth clock pulse of the byte transfer. The transmitter
releases the SDA line (permits it to go high) to allow the receiver to send the acknowledge signal. The receiver
must pull down the SDA line during the acknowledge clock pulse and ensure that SDA remains low during the
high period of the clock pulse, thus signaling the correct reception of the last data byte and its readiness to
receive the next byte.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LP55281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com