Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP55281RL/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Part # LP55281RL/NOPB
Description  Quad RGB Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55281RL/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP55281RL/NOPB Datasheet HTML 18Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 19Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 20Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 21Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 22Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 23Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 24Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 25Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
SCK
Data
BIT 1
LSB IN
LSB OUT
BIT 1
MSB OUT
BIT 7
BIT 8
BIT 9
BIT 14
MSB IN
R/W
Address
2
1
4
5
7
6
3
11
9
10
8
SS
SO
SI
12
LP55281
SNVS458B – JUNE 2007 – REVISED JUNE 2007
www.ti.com
Figure 20. SPI Timing Diagram
SPI Timing Parameters
VDD = VDDIO = 2.8V
Symbol
Parameter
Limit
Units
Min
Max
1
Cycle Time
70
ns
2
Enable Lead Time
35
ns
3
Enable Lag Time
35
ns
4
Clock Low Time
35
ns
5
Clock High Time
35
ns
6
Data Setup Time
20
ns
7
Data Hold Time
0
ns
8
Data Acces Time
20
ns
9
Disble Time
10
ns
10
Data Valid
20
ns
11
Data Hold Time
0
ns
NOTE
Data guaranteed by design
I2C COMPATIBLE SERIAL BUS INTERFACE
Interface Bus Overview
The I2C compatible synchronous serial interface provides access to the programmable functions and registers on
the device. This protocol uses a two-wire interface for bidirectional communications between the IC's connected
to the bus. The two interface lines are the Serial Data Line (SDA) and the Serial Clock Line (SCL). These lines
should be connected to a positive supply, via a pull-up resistor and remain HIGH even when the bus is idle.
For every device on the bus is assigned a unique address and it acts as a Master or a Slave, depending on
whether it generates or receives the serial clock (SCL). When LP55281 is connected in parallel with other I2C
compatible devices, the LP55281 supply voltages VDD1, VDD2 and VDDIO must be active. Supplies are required to
make sure that the LP55281 does not disturb the SDA and SCL lines.
Data Transactions
One data bit is transferred during each clock pulse. Data is sampled during the high state of the serial clock
(SCL). Consequently, throughout the clock's high period, the data should remain stable. Any changes on the
SDA line during the high states of the SCL and in the middle of the transaction, aborts the current transaction.
New data should be sent during the low SCL state. This protocol permits a single data line to transfer both
command/control information and data using the synchronous serial clock.
22
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LP55281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com