Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP55281RL/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LP55281RL/NOPB
Description  Quad RGB Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55281RL/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP55281RL/NOPB Datasheet HTML 10Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 11Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 12Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 13Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 14Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 15Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 16Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 17Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
1.0
7.8
14.6
21.4
28.2
35.0
LOAD CURRENT (mA)
90.0
74.0
58.0
42.0
26.0
10.0
Autoload ON
Autoload OFF
LP55281
SNVS458B – JUNE 2007 – REVISED JUNE 2007
www.ti.com
Figure 14. Efficiency at Low Load vs Autoload
Functionality of RGB LED Outputs (R1-4, G1-4, B1-4)
LP55281 has 4 sets of RGB/color LED outputs. Each set has 3 outputs, which can be controlled individually with
a 6-bit PWM control register. The pulsed current level for each LED output is set with a single external resistor
RRGB and a 2-bit coarse adjustment bit for each LED output (see tables below).
Rx_IPLS[7:6] /
Sink Current Pulse
Gx_IPLS[7:6] /
(IMAX = 100*1.23/RRGB)
Bx_IPLS[7:6]
IPLS
00
0.25*IMAX
01
0.50*IMAX
10
0.75*IMAX
11
1.00*IMAX
Rx_PWM[5:0] /
Awerage Sink Current
Pulse Ratio, %
Gx_PWM[5:0] /
Bx_PWM[5:0]
000 000
0
0
000 001
1/63*IPLS
1.6
000 010
2/63*IPLS
3.2
...
...
...
111 110
62/63*IPLS
98.4
111 111
63/63*IPLS
100
Each RGB set must be enabled separately by setting EN_RGBx bit to '1'. Note, that the device must be enabled
(NSTBY = '1') before the RGB outputs can be activated.
When any of EN_RGBx bits are set to '1' and NSTBY = '1', the RGB driver takes a certain quiescent current from
battery even if all PWM control bits are '0'. The quiescent current is dependent on RRGB resistor, and can be
calculated from formula IR_RGB = 1.23V/RRGB.
PWM CONTROL TIMING
PWM frequency can be selected from 3 predefined values: 10 kHz, 20 kHz and 40 kHz. The frequency is
selected with FPWM1 and FPWM0 bits, see following table:
FPWM1
FPWM0
PWM Frequency (fPWM)
0
0
9.92 kHz
14
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LP55281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com