Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP55281RL/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LP55281RL/NOPB
Description  Quad RGB Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55281RL/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP55281RL/NOPB Datasheet HTML 12Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 13Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 14Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 15Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 16Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 17Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 18Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 19Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
0.0
120.0
240.0
360.0
480.0
600.0
VOLTAGE (V)
24.0
19.2
14.4
9.6
4.8
0.0
RRGB = 8.2 kÖ
T = -40°C
T = 25°C
T = 85°C
LP55281
SNVS458B – JUNE 2007 – REVISED JUNE 2007
www.ti.com
RGB DRIVER TYPICAL PERFORMANCE CHARACTERISTICS
Figure 15. Output Current vs Pin Voltage
(Current Sink Mode)
Figure 16. Output Current vs RRGB
(Current Sink Mode)
Audio Synchronization
The ALED output can be synchronized to incoming audio with Audio Synchronization feature. Audio Synch
synchronizes ALED based on input signal's peak amplitude. Programmable gain and automatic gain control
function are also available for adjustment of input signal amplitude to light response. Control of ALED brightness
refreshing frequency is done with four different frequency configurations. The digitized input signal has DC
component that is removed by a digital dc-remover (-3 dB @ 500 Hz). LP55281 has a 2-channel audio (stereo)
input for audio synchronization, as shown in the figure below. The inputs accept signals in the range of 0V to
1.6V peak-to-peak and these signals are mixed into a single wave so that they can be filtered simultaneously.
LP55281 audio synchronization is mainly realized digitally and it consists following signal path blocks (see figure
below)
•
Input buffer
•
AD converter
•
Automatic Gain Control (AGC) and manually programmable gain
•
Peak detector
16
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LP55281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com