Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP55281RL/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Part # LP55281RL/NOPB
Description  Quad RGB Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP55281RL/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP55281RL/NOPB Datasheet HTML 16Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 17Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 18Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 19Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 20Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 21Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 22Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 23Page - Texas Instruments LP55281RL/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
SW
BATTERY
VDD1
LBoost
VDDA
LDO
Analog
supply
voltage
2.8V
LP55281
Digital
supply
voltage
LDO
2.8V
VDD2
CIN
10 PF
CVDDA
1 PF
CVDD
100 nF
LP55281
SNVS458B – JUNE 2007 – REVISED JUNE 2007
www.ti.com
15. Dummy write: 00h to register 0Dh (Only if the incremental write sequence is used)
16. Dummy write: 00h to register 0Eh (Only if the incremental write sequence is used)
17. Set preferred boost voltage (write 00h - FFh to register 0Fh)
18. Set preferred boost frequency (write 00h - 07h to register 10h, PWM frequency can be anything)
19. Enable boost and RGB drivers (write CFh to register 11h)
20. Wait 20 ms for the device and boost startup
Measurement phase:
1. Enable LED test and select output (write 1xh to register 12h)
2. Wait for 128 µs
3. Read ADC output (read register 13h)
4. Go to step 1 of measurement phase and define next output to be measured as many times as needed
5. Disable LED test (write 00h to register 12h) or give reset to the device (see step 1 in basic setup phase)
LED TEST TIME ESTIMATION
Assuming the maximum clock frequencies used in SPI or I2C compatible interfaces, the following table predicts
the overall test sequence time for the test procedure shown above. This estimation gives the shortest time
possible. Incremental write is assumed with I2C. Reset and LED test disable are not included.
Test Phase
Time (ms)
I2C
SPI
Setup
0.528
0.024
Boost startup
20
20
14 measurements
4.137
1.831
Total Time
24.7
21.9
7V Shielding
To shield LP55281 from high input voltages (6 to 7.2V), the use of external 2.8V LDO is required. This 2.8V
voltage protects internally the device against high voltage condition. The recommended connection is shown in
the picture below. Internally both logic and analog circuitry works at 2.8V supply voltage. Both supply voltage
pins should have separate filtering capacitors. Note that it is recommended to pull down the external LDO voltage
when it is disabled in order to minimize the leakage current of the LED outputs.
In cases where high voltage is not an issue, the alternative connection is shown below.
20
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LP55281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com