Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC10D040CIVS/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADC10D040CIVS/NOPB
Description  ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10D040CIVS/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADC10D040CIVS/NOPB Datasheet HTML 10Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 11Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 12Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 13Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 14Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 15Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 16Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 17Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
ADC10D040
SNAS149G – OCT 2001 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
VA = VD = 3.3V, VDR = 2.5V, fCLK = 40 MHz, fIN = 10.4 MHz, unless otherwise specified
Typical DNL
DNL vs. VA
Figure 11.
Figure 12.
DNL vs. VREF
DNL vs. fCLK
Figure 13.
Figure 14.
SNR, SINAD & SFDR vs. VA
DISTORTION vs. VA
Figure 15.
Figure 16.
14
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: ADC10D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com