Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC10D040CIVS/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # ADC10D040CIVS/NOPB
Description  ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10D040CIVS/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button ADC10D040CIVS/NOPB Datasheet HTML 22Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 23Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 24Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 25Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 26Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 27Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 28Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 29Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
ADC10D040
SNAS149G – OCT 2001 – REVISED MARCH 2013
www.ti.com
The VDR pin is completely isolated from the other supply pins. Because of this isolation, a separate supply can be
used for these pins. This VDR supply can be significantly lower than the three volts used for the other supplies,
easing the interface to lower voltage digital systems. Using a lower voltage for this supply can also reduce the
power consumption and noise associated with the output drivers.
The converter digital supply should not be the supply that is used for other digital circuitry on the board. It should
be the same supply used for the ADC10D040 analog supply.
As is the case with all high speed converters, the ADC10D040 should be assumed to have little high frequency
power supply rejection. A clean analog power source should be used.
No pin should ever have a voltage on it that is more than 300 mV in excess of the supply voltages or below
ground, not even on a transient basis. This can be a problem upon application of power to a circuit and upon turn
off of the power source. Be sure that the supplies to circuits driving the CLK, or any other digital or analog inputs
do not come up any faster than does the voltage at the ADC10D040 power pins.
LAYOUT AND GROUNDING
Proper routing of all signals and proper ground techniques are essential to ensure accurate conversion. Separate
analog and digital ground planes may be used if adequate care is taken with signal routing, but may result in
EMI/RFI. A single ground plane with proper component placement will yield good results while minimizing
EMI/RFI.
Analog and digital ground current paths should not coincide with each other as the common impedance will
cause digital noise to be added to analog signals. Accordingly, traces carrying digital signals should be kept as
far away from traces carrying analog signals as is possible. Power should be routed with traces rather than the
use of a power plane. The analog and digital power traces should be kept well away from each other. All power
to the ADC10D040, except VDR, should be considered analog. The DR GND pin should be considered a digital
ground and not be connected to the ground plane in close proximity with the other ground pins of the
ADC10D040.
Each bypass capacitor should be located as close to the appropriate converter pin as possible and connected to
the pin and the appropriate ground plane with short traces. The analog input should be isolated from noisy signal
traces to avoid coupling of spurious signals into the input. Any external component (e.g., a filter capacitor)
connected between the converter's input and ground should be connected to a very clean point in the ground
return.
The clock line should be properly terminated, as discussed in Clock Termination, and be as short as possible.
Figure 38 gives an example of a suitable layout and bypass capacitor placement. All analog circuitry (input
amplifiers, filters, reference components, etc.) and interconnections should be placed in an area reserved for
analog circuitry. All digital circuitry and I/O lines should be placed in an area reserved for digital circuitry.
Violating these rules can result in digital noise getting into the analog circuitry, which will degrade accuracy and
dynamic performance (THD, SNR, SINAD).
Figure 38. An Acceptable Layout Pattern
26
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: ADC10D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com