Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC10D040CIVS/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADC10D040CIVS/NOPB
Description  ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10D040CIVS/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC10D040CIVS/NOPB Datasheet HTML 4Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 9Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 10Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 11Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADC10D040
SNAS149G – OCT 2001 – REVISED MARCH 2013
www.ti.com
Converter Electrical Characteristics (continued)
The following specifications apply for VA = VD = +3.3 VDC, VDR = +2.5 VDC, VREF = 1.4 VDC, GAIN = OF = 0V, OS = 3.3V, VIN
(a.c. coupled) = FSR = 1.4 VP-P, CL = 15 pF, fCLK = 40 MHz, 50% Duty Cycle, RS = 50Ω, trc = tfc < 4 ns, NOT offset corrected.
Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C
(1)
Units
Symbol
Parameter
Conditions
Typical(2)
Limits(3)
(Limits)
PD = LOW, STBY = LOW, d.c. input
267
305
mW (max)
PD = LOW, STBY = LOW, 1 MHz Input
270
mW
PD
Power Consumption
PD = LOW, STBY = HIGH
30
mW
PD = HIGH, STBY = LOW or HIGH
0.6
mW
Change in Full Scale with 3.0V to 3.6V Supply
PSRR1
Power Supply Rejection Ratio
90
dB
Change
Rejection at output with 10.3 MHz, 250 mVP-P
PSRR2
Power Supply Rejection Ratio
52
dB
Riding on VA and VD
AC Electrical Characteristics
OS = Low (Multiplexed Mode)
The following specifications apply for VA = VD = +3.3 VDC, VDR = +2.5VDC, VREF = 1.4 VDC, GAIN = OF = 0V, OS = 0V, VIN (a.c.
coupled) = FSR = 1.4 VP-P, CL = 15 pF, fCLK = 40 MHz, 50% Duty Cycle, RS = 50Ω, trc = tfc < 4 ns, NOT offset corrected.
Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C
(1)
Units
Symbol
Parameter
Conditions
Typical(2)
Limits(3)
(Limits)
fCLK1
Maximum Clock Frequency
45
40
MHz (min)
fCLK2
Minimum Clock Frequency
20
MHz
45
% (min)
Duty Cycle
50
55
% (max)
Clock
I Data
2.5
Cycles
Pipeline Delay (Latency)
Clock
Q Data
3.0
Cycles
tr, tf
Output Rise and Fall Times
5
ns
tOC
Offset Correction Pulse Width
10
ns (min)
tOD
Output Delay from CLK Edge to Data Valid
13
19
ns (max)
tDIQ
I/Q Output Delay
13
ns
tSKEW
I/Q to Data Skew
±200
ps
tAD
Sampling (Aperture) Delay
2.2
ns
tAJ
Aperture Jitter
<10
ps (rms)
tVALID
Data Valid Time
7.5
ns
Differential VIN step from
Overrange Recovery Time
50
ns
1.5V to 0V
(1)
The inputs are protected as shown below. Input voltage magnitude up to 300 mV beyond the supply rails will not damage this device.
However, errors in the A/D conversion can occur if the input goes beyond the limits given in these tables.
(2)
Typical figures are at TJ = 25°C, and represent most likely parametric norms.
(3)
Test limits are specified to TI's AOQL (Average Outgoing Quality Level). Performance is specified only at VREF = 1.4V and a clock duty
cycle of 50%. The limits for VREF and clock duty cycle specify the range over which reasonable performance is expected. Tests are
performed and limits specified with clock low and high levels of 0.3V and VD−0.3V, respectively.
8
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: ADC10D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com