Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC10D040CIVS/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADC10D040CIVS/NOPB
Description  ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10D040CIVS/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADC10D040CIVS/NOPB Datasheet HTML 19Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 20Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 21Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 22Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 23Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 24Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 25Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 26Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
ADC10D040
www.ti.com
SNAS149G – OCT 2001 – REVISED MARCH 2013
Figure 37. The VCMO output pin may be used as an internal reference source if its output is not loaded
excessively.
The VCMO output can be used as the ADC reference source as long as care is taken to prevent excessive loading
of this pin. However, the VCMO output was not designed to be a precision reference and has move variability than
does a precision reference. Refer to VCMO, Common Mode Voltage Output, in the Electrical Characteristics table.
Since the reference input of the ADC10D040 is buffered, there is virtually no loading on the VCMO output by the
VREF pin. While the ADC10D040 will work with a 1.5V reference voltage, it is fully specified for a 1.4V reference.
To use the VCMO for a reference voltage at 1.4V, the 1.5V VCMO output needs to be divided down. The divider
resistor values need to be carefully chosen to prevent excessive VCMO loading. See Figure 37. While the average
temperature coefficient of VCMO is 30 ppm/°C, that temperature coefficient can be broken down to a typical 70
ppm/°C between
−40°C and +25°C and a typical −11 ppm/°C between +25°C and +85°C.
Reference Voltage
The reference voltage should be within the range specified in the Operating Ratings table (0.6V to 1.6V). A
reference voltage that is too low could result in a noise performance that is less than desired because the
quantization level falls below other noise sources. On the other hand, a reference voltage that is too high means
that an input signal that produces a full scale output uses such a large input range that the input stage is less
linear, resulting in a degradation of distortion performance. Also, for large reference voltages, the internal ladder
buffer runs out of head-room, leading to a reduction of gain in that buffer and causing gain error degradation.
The Reference bypass pins VRP and VRN are output compensated and should each be bypassed with a parallel
combination of a 5 µF (minimum) and 0.1 µF capacitors.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: ADC10D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com