Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADC10D040CIVS/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # ADC10D040CIVS/NOPB
Description  ADC10D040 Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10D040CIVS/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADC10D040CIVS/NOPB Datasheet HTML 21Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 22Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 23Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 24Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 25Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 26Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 27Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 28Page - Texas Instruments ADC10D040CIVS/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
ADC10D040
www.ti.com
SNAS149G – OCT 2001 – REVISED MARCH 2013
Standby (STBY) Pin
The Standby (STBY) pin may be used to put the ADC10D040 into a low power mode where it consumes just 30
mW and can quickly be brought to full operation. The device operates normally with a logic low on this and the
PD pins.
While in the Standby mode the data outputs contain the results of the last conversion before going into this
Mode.
Power Down (PD) Pin
The Power Down (PD) pin puts the device into a low-power “sleep” state where it consumes less than 1 mW
when the PD pin is at a logic high. Power consumption is reduced more when the PD pin is high than when the
STBY pin is high, but recovery to full operation is much quicker from the standby state than it is from the power
down state. When the STBY and PD pins are both high, the ADC10D040 is in the power down mode.
While in the Power Down mode the data outputs contain the results of the last conversion before going into this
mode. The output pins are always in the active state. That is, the output pins do not have a high impedance
state.
GAIN Pin
The GAIN pin sets the internal signal gain of the “I” and “Q” inputs. With this pin at a logic low, the full scale
differential peak-to-peak input signal is equal to VREF. With the GAIN pin at a logic high, the full scale differential
peak-to-peak input signal is equal to 2 times VREF.
INPUT/OUTPUT RELATIONSHIP ALTERNATIVES
The GAIN pin of the ADC10D040 offers input range selection, while the OF pin offers a choice of offset binary or
2's complement output formatting.
The relationship between the GAIN, OF, analog inputs and the output code are as defined in Table 1. Keep in
mind that the input signals must not exceed the power supply rails.
Table 1. ADC10D040 Input/Output Relationships
GAIN
OF
I+ / Q+
I
− / Q−
Output Code
0
0
VCM + 0.25*VREF
VCM − 0.25*VREF
11 1111 1111
0
0
VCM
VCM
10 0000 0000
0
0
VCM − 0.25*VREF
VCM + 0.25*VREF
00 0000 0000
0
1
VCM + 0.25*VREF
VCM − 0.25*VREF
01 1111 1111
0
1
VCM
VCM
00 0000 0000
0
1
VCM − 0.25*VREF
VCM + 0.25*VREF
10 0000 0000
1
0
VCM + 0.5*VREF
VCM − 0.5*VREF
11 1111 1111
1
0
VCM
VCM
10 0000 0000
1
0
VCM − 0.5*VREF
VCM + 0.5*VREF
00 0000 0000
1
1
VCM + 0.5*VREF
VCM − 0.5*VREF
01 1111 1111
1
1
VCM
VCM
00 0000 0000
1
1
VCM − 0.5*VREF
VCM + 0.5*VREF
10 0000 0000
POWER SUPPLY CONSIDERATIONS
A/D converters draw sufficient transient current to corrupt their own power supplies if not adequately bypassed. A
10 µF to 50 µF tantalum or aluminum electrolytic capacitor should be placed within half an inch (1.2 centimeters)
of the A/D power pins, with a 0.1 µF ceramic chip capacitor placed as close as possible to each of the
converter's power supply pins. Leadless chip capacitors are preferred because they have low lead inductance.
While a single voltage source should be used for the analog and digital supplies of the ADC10D040, these
supply pins should be well isolated from each other to prevent any digital noise from being coupled to the analog
power pins. A choke is recommended between the VA and VD supply lines. VDR should have a separate supply
from VA and VD to avoid noise coupling into the input. Be sure to bypass VDR.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: ADC10D040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com