| Electronic Components Datasheet Search |
|
AN4243 Datasheet(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4243 Datasheet(HTML) 17 Page - STMicroelectronics |
|
17 / 29 page ![]() AN4243 Designing an application with the L6230 Doc ID 024199 Rev 1 17/29 Figure 14. Overcurrent operation timing The maximum value reached by the current depends on its slew-rate, thus on the state of short-circuit, the supply voltage, and on the total intervention delay (tDELAY). It can be noticed that after the first current peak, the maximum value reached by the output current becomes lower, because the capacitor on DIAG-EN pins is discharged starting from a lower voltage, resulting in a shorter tDELAY. The following approximate relations estimate the disable time and the first OCD intervention delay after the short-circuit (worst case). The time the device remains disabled is: Equation 11 where Equation 12 The total intervention time is: Equation 13 where Equation 14 tOCD(OFF), tOCD(ON), tD(ON)EN, tD(OFF)EN, and ROPDR are device intrinsic parameters, VDD is the pull up voltage applied to REN. Output Current VTH(OFF) tD(OFF)EN IS OVER tOCD(ON) tDISABLE tOCD(OFF) tDELAY tEN(FALL) tEN(RISE) VEN(LOW) Output Current tDISABLE VTH(ON) tD(ON)EN DIAG-EN DIAG-EN AM16576v1 t DISABLE t OCD OFF () t EN RISE () t DON ()EN ++ = t EN RISE () R EN C EN I n V DD V EN LOW () – V DD V TH ON () – ------------------------------------------- ⋅⋅ = t DELAY t OCD ON () t EN FALL () t DOF F ()EN ++ = t EN FALL () R OPDR C EN I n V DD V TH OFF () ------------------------- ⋅⋅ = |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |